Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 67Page - Texas Instruments TMS320DM6441 Datasheet HTML 68Page - Texas Instruments TMS320DM6441 Datasheet HTML 69Page - Texas Instruments TMS320DM6441 Datasheet HTML 70Page - Texas Instruments TMS320DM6441 Datasheet HTML 71Page - Texas Instruments TMS320DM6441 Datasheet HTML 72Page - Texas Instruments TMS320DM6441 Datasheet HTML 73Page - Texas Instruments TMS320DM6441 Datasheet HTML 74Page - Texas Instruments TMS320DM6441 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 229 page
background image
www.ti.com
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
3.5.6.3 VPBE (RGB666 and RGB888) and GPIO Pin Multiplexing
Use of the RGB666 and RGB888 modes of the VPBE requires enabling RGB pins as shown in Table 3-19
and Table 3-20. Enabling PWM2, PWM1, CCD, and LCD functionality overrides the RGB modes. RGB666
interface pin functionality requires setting the RGB666 PINMUX0 register bit field to ‘1’ and PINMUX1
register bit fields PWM2 and PWM1 to ‘0’. Proper RGB888 interface operation requires setting PINMUX0
register bit field RGB888 to ‘1’ and bit fields PWM2, PWM1, CFLDEN, and LFLDEN must be set to ‘0’.
Table 3-19. VPBE (RGB666, RGB888, and LCD), VPFE (CCD), and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
PWM2/
PWM1/
C_FIELD/
LCD_FIELD/
RGB888
RGB666
PWM2
PWM1
CFLDEN
LFLDEN
B2/
R2/
R0/
B0/
GPIO[47]
GPIO[46]
GPIO[4]
GPIO[3]
0
0
0
0
0
0
GPIO[47]
GPIO[46]
GPIO[4]
GPIO[3]
-
-
-
-
-
1
-
-
-
LCD_FIELD
-
-
-
-
1
-
-
-
C_FIELD
-
-
-
-
1
-
-
-
PWM1
-
-
-
-
1
-
-
-
PWM2
-
-
-
0
1
0
0
0
0
B2
R2
GPIO[4]
GPIO[3]
1
-
0
0
0
0
B2
R2
R0
B0
Table 3-20. VPBE (RGB666, RGB888, and LCD) and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
R1/
B1/
G1/
G0/
RGB888
PWM2
PWM1
CFLDEN
LFLDEN
GPIO[38]
GPIO[6]
GPIO[5]
GPIO[2]
0
0
0
0
0
GPIO[38]
GPIO[6]
GPIO[5]
GPIO[2]
1
0
0
0
0
R1
B1
G1
G0
3.5.6.4 ATA, EMIFA, UART1, SPI, and GPIO Pin Multiplexing
The ATA peripheral shares pins with the EMIFA and UART1 as seen in Table 3-21. If ATA pin
functionality is enabled by setting the ATAEN bit field, the ATA module will drive the EMIFA data and
control pins. Enabling UART1 disables the use of the ATA DMARQ and DMACK signals and thus only
allows the ATA module to use PIO mode. The ATA HDDIR buffer direction control bit field works in
conjunction with the HDIREN enable bit field to allow the ATA pins to still be used as a GPIO or SPI_EN1
if the buffer is not being used (i.e. for compact flash). This multiplexing is shown in Table 3-22. When
ATAEN=0 and HDIREN=1 it indicates that the ATA interface has been disabled so that the EMIFA can be
used, but the ATA buffers are still present. HDDIR is driven low in this situation to ensure that the ATA
buffers drive away from DM6441 and don’t cause bus contention with the EMIFA. Note that switching
between EMIFA and ATA (clearing or setting ATAEN) must be carefully performed to prevent bus
contention. Since the ATA device can be a bus master, software must ensure that all outstanding DMA
requests have completed before clearing the ATAEN bit.
Table 3-21. ATA, EMIFA, and GPIO Pin Multiplexing Control
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELD
EM_BA[1]/
EM_A[0]/
EM_D[15:0]/
GPIO[50]/
GPIO[51]/
EM_R/W
EM_BA[0]/
RDY/BSY/
DIOR/
DIOW/
ATAEN
GPIO[52]/
GPIO[53]/
DD[15:0]
ATA_CS0
ATA_CS1
INTRQ
ATA0
EM_WAIT
EM_OE
EM_WE
ATA1
ATA2
GPIO[50]
GPIO[51]
EM_R/W
EM_BA[0]
RDY/BSY
EM_OE
EM_WE
EM_BA[1]/
EM_A[0]/
EM_D[15:0]
0
GPIO[52](1)
GPIO[53](1)
1
ATA_CS0
ATA_CS1
INTRQ
ATA0
EM_WAIT
DIOR
DIOW
ATA1
ATA2
DD[15:0]
(1)
This pin shares GPIO functionality set by AEAW[4:0] as shown in Table 3-9.
Submit Documentation Feedback
Device Configurations
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com