| Electronic Components Datasheet Search |
|
TMS320DM6441 Datasheet(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 Datasheet(HTML) 83 Page - Texas Instruments |
|
83 / 229 page ![]() www.ti.com 5.2 Recommended Clock and Control Signal Transition Behavior 5.3 Power Supplies 5.3.1 Power-Supply Sequencing TMS320DM6441 Digital Media System-on-Chip SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007 5.1.1.2 Timing Parameters and Board Routing Analysis The timing parameter values specified in this data manual do not include delays by board routings. As a good board design practice, such delays must always be taken into account. Timing values may be adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing Analysis application report (literature number SPRA839). If needed, external logic hardware such as buffers may be used to compensate any timing differences. For the DDR2 memory controller interface, it is not necessary to use the IBIS models to analyze timing characteristics. TI provides a PCB routing rules solution that describes the routing rules to ensure the DDR2 memory controller interface timings are met. See the Implementing DDR2 PCB Layout on the DMSoC Application Report (literature number SPRAAC5). All clocks and control signals should transition between VIH and VIL (or between VIL and VIH) in a monotonic manner. For more information regarding TI's power management products and suggested devices to power TI DSPs, visit www.ti.com/dsppower. The DM6441 includes two core supplies — CVDD and CVDDDSP, as well as three I/O supplies — DVDD18, DVDDR2, and DVDD33. To ensure proper device operation, a specific power-up sequence must be followed. The core supply power-up sequence is dependent on the DSP boot mode selected at reset. If the DSP boot mode is configured as self-boot mode, then both core supplies must be powered up at the same time. If the DSP boot mode is configured as host-boot, where the ARM boots the DSP, the two core supplies may be ramped simultaneously or powered up separately. When powered up separately, the CVDDDSP supply must not be ramped prior to the CVDD supply. The CVDDDSP supply must be powered up before the shorting switch is closed (enabled). Prior to powering up the CVDDDSP supply, it should be left floating and not driven to ground. Table 5-1 and Figure 5-4 describe the power-on sequence timing requirements for DSP host-boot mode. To minimize the voltage difference between these two core supplies, a single regulator source must be used to power the CVDD and CVDDDSP supplies. For more information, see Section 3.2.1, Power Considerations at Reset. Submit Documentation Feedback Peripheral and Electrical Specifications 83 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |