Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 89Page - Texas Instruments TMS320DM6441 Datasheet HTML 90Page - Texas Instruments TMS320DM6441 Datasheet HTML 91Page - Texas Instruments TMS320DM6441 Datasheet HTML 92Page - Texas Instruments TMS320DM6441 Datasheet HTML 93Page - Texas Instruments TMS320DM6441 Datasheet HTML 94Page - Texas Instruments TMS320DM6441 Datasheet HTML 95Page - Texas Instruments TMS320DM6441 Datasheet HTML 96Page - Texas Instruments TMS320DM6441 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 229 page
background image
www.ti.com
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
Table 5-7. Characteristics of the Power-Down Modes
POWER-DOWN
WAKE-UP METHOD
EFFECT ON CHIP'S OPERATION
MODE
Standby
Interrupts
This mode consumes the lowest power, with the
minimum set of modules kept alive that are required to
wake up the chip to a higher power mode. DSP and
coprocessor subsystems are not powered. The rest of
the chip is powered and clocks are suspended, except
for GPIO (interrupts), UARTs, I2C (in slave mode), and
Ethernet MAC. PLLs are operating in bypass mode.
27-MHz clock is the only clock available to the system.
DDR2 clock is suspended and DDR2 is put into
self-refresh mode.
Low Power
Interrupts
This mode is for ARM to sustain some basic control
functions. DSP and coprocessor subsystems are not
powered. The rest of the chip is powered, but most
clocks are suspended, except for ARM, GPIO, UARTs,
SPI, I2C, PWMs, and Timers. PLLs are operating in
bypass mode. 27-MHz clock is the only clock available
to the system. ARM runs at 13.5 MHz, and handles all
peripherals by direct access. DDR2 clock is suspended
and DDR2 is put into self-refresh mode. ARM will not
have access to DDR2 and its caches are either frozen
or inaccessible.
Preview
Interrupts
This mode is for Digital Still Camera (DSC) preview.
DSP and coprocessor subsystems are not powered.
The rest of the chip is powered, and the PLLs are
operating to support the activities needed for preview
processing and data flow. ARM and DDR2 EMIF
operate at nominal frequencies.
Active
N/A
The entire chip is powered. All modules operate at
nominal clock frequency. Unused peripherals have their
clocks suspended. Active peripherals have their clocks
suspended when unneeded.
Submit Documentation Feedback
Peripheral and Electrical Specifications
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com