Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 180 page
background image
56F8037 Data Sheet, Rev. 2
32
Freescale Semiconductor
Preliminary
GPIOB9
(SDA25)
(CANRX26)
46
Input/
Output
Input/
Output
Input
Input,
internal
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
Serial Data 1 — This pin serves as the I2C serial data line.
CAN Receive Data — This is the MSCAN interface input.
After reset, the default state is GPIOB9. The peripheral functionality
is controlled via the SIM. See Section 6.3.16.
25The SDA signal is also brought out on the GPIOB1 and GPIOB6 pins.
26The CANRX signal is also brought out on the GPIOB13 pin.
GPIOB10
(TB027)
(CMPAO)
30
Input/
Output
Input/
Output
Output
Input,
internal
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
TB0— Timer B, Channel 0.
Comparator A Output— This is the output of comparator A.
After reset, the default state is GPIOB10. The peripheral functionality
is controlled via the SIM. See Section 6.3.16.
27The TB0 signal is also brought out on the GPIOB4 pin.
GPIOB11
(TB128)
(CMPBO)
60
Input/
Output
Input/
Output
Output
Input,
internal
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
TB1— Timer B, Channel 1.
Comparator B Output— This is the output of comparator B.
After reset, the default state is GPIOB11. The peripheral functionality
is controlled via the SIM. See Section 6.3.16.
28The TB1 signal is also brought out on the GPIOA12 pin.
Return to Table 2-2
Table 2-3 56F8037 Signal and Package Information for the 64-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com