Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 180 page
background image
56F8037 Data Sheet, Rev. 2
98
Freescale Semiconductor
Preliminary
6.3.8
Peripheral Clock Rate Register (SIM_PCR)
By default, all peripherals are clocked at the system clock rate, which has a maximum of 32MHz. Selected
peripherals clocks have the option to be clocked at 3X system clock rate, which has a maximum of 96MHz,
if the PLL output clock is selected as the system clock. If PLL is disabled, the 3X system clock will not be
available. This register is used to enable high-speed clocking for those peripherals that support it.
Note:
Operation is unpredictable if peripheral clocks are reconfigured at runtime, so peripherals should be
disabled before a peripheral clock is reconfigured.
Figure 6-9 Peripheral Clock Rate Register (SIM_PCR)
6.3.8.1
Quad Timer B Clock Rate (TMRB_CR)—Bit 15
This bit selects the clock speed for the Quad Timer B module.
•
0 = Quad Timer B clock rate equals the system clock rate, to a maximum 32MHz (default)
•
1 = Quad Timer B clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.2
Quad Timer A Clock Rate (TMRA_CR)—Bit 14
This bit selects the clock speed for the Quad Timer A module.
•
0 = Quad Timer A clock rate equals the system clock rate, to a maximum 32MHz (default)
•
1 = Quad Timer A clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.3
Pulse Width Modulator Clock Rate (PWM_CR)—Bit 13
This bit selects the clock speed for the PWM module.
•
0 = PWM module clock rate equals the system clock rate, to a maximum 32MHz (default)
•
1 = PWM module clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.4
Inter-Integrated Circuit Run Clock Rate (I2C_CR)—Bit 12
This bit selects the clock speed for the I2C run clock.
•0 = I2C module run clock rate equals the system clock rate, to a maximum 32MHz (default)
•1 = I2C module run clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.5
Reserved—Bits 11–0
This bit field is reserved. Each bit must be set to 0.
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TMRB_
CR
TMRA_
CR
PWM_
CR
I2C_
CR
0
0
0
0
0
0
0
0
0
0
0
0
Write
RESET
0
0
0
000
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com