Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 180 page
background image
Register Descriptions
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
101
Preliminary
6.3.10.1
Reserved—Bit 15
This bit field is reserved. It must be set to 0.
6.3.10.2
Programmable Interval Timer 2 Clock Enable (PIT2)—Bit 14
•
0 = The clock is not provided to the PIT2 module (the PIT2 module is disabled)
•
1 = The clock is enabled to the PIT2 module
6.3.10.3
Programmable Interval Timer 1 Clock Enable (PIT1)—Bit 13
•
0 = The clock is not provided to the PIT1 module (the PIT1 module is disabled)
•
1 = The clock is enabled to the PIT1 module
6.3.10.4
Programmable Interval Timer 0 Clock Enable (PIT0)—Bit 12
•
0 = The clock is not provided to the PIT0 module (the PIT0 module is disabled)
•
1 = The clock is enabled to the PIT0 module
6.3.10.5
Reserved—Bits 11–8
This bit field is reserved. Each bit must be set to 0.
6.3.10.6
Quad Timer B, Channel 3 Clock Enable (TB3)—Bit 7
•
0 = The clock is not provided to the Timer B3 module (the Timer B3 module is disabled)
•
1 = The clock is enabled to the Timer B3 module
6.3.10.7
Quad Timer B, Channel 2 Clock Enable (TB2)—Bit 6
•
0 = The clock is not provided to the Timer B2 module (the Timer B2 module is disabled)
•
1 = The clock is enabled to the Timer B2 module
6.3.10.8
Quad Timer B, Channel 1 Clock Enable (TB1)—Bit 5
•
0 = The clock is not provided to the Timer B1 module (the Timer B1 module is disabled)
•
1 = The clock is enabled to the Timer B1 module
6.3.10.9
Quad Timer B, Channel 0 Clock Enable (TB0)—Bit 4
•
0 = The clock is not provided to the Timer B0 module (the Timer B0 module is disabled)
•
1 = The clock is enabled to the Timer B0 module
6.3.10.10 Quad Timer A, Channel 3 Clock Enable (TA3)—Bit 3
•
0 = The clock is not provided to the Timer A3 module (the Timer A3 module is disabled)
•
1 = The clock is enabled to the Timer A3 module
6.3.10.11 Quad Timer A, Channel 2 Clock Enable (TA2)—Bit 2
•
0 = The clock is not provided to the Timer A2 module (the Timer A2 module is disabled)
•
1 = The clock is enabled to the Timer A2 module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com