Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 180 page
background image
56F8037 Data Sheet, Rev. 2
104
Freescale Semiconductor
Preliminary
6.3.11.12 QSPI0 Clock Stop Disable (QSPI0_SD)—Bit 2
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE0
register
6.3.11.13 Reserved—Bit 1
This bit field is reserved. It must be set to 0.
6.3.11.14 PWM Clock Stop Disable (PWM_SD)—Bit 0
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE0
register
6.3.12
Stop Disable Register 1 (SD1)
See Section 6.3.11 for general information about Stop Disable Registers.
Figure 6-13 Stop Disable Register 1 (SD1)
6.3.12.1
Reserved—Bit 15
This bit field is reserved. It must be set to 0.
6.3.12.2
Programmable Interval Timer 2 Clock Stop Disable (PIT2_SD)—Bit 14
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
6.3.12.3
Programmable Interval Timer 1 Clock Stop Disable (PIT1_SD)—Bit 13
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
6.3.12.4
Programmable Interval Timer 0 Clock Stop Disable (PIT0_SD)—Bit 12
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
Base + $F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
PIT2_
SD
PIT1_
SD
PIT0_
SD
0
0
0
0
TB3_
SD
TB2_
SD
TB1_
SD
TB0_
SD
TA3_
SD
TA2_
SD
TA1_
SD
TA0_
SD
Write
RESET
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com