Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 180 page
background image
Ceramic Resonator
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
41
Preliminary
Figure 3-1 External Crystal Oscillator Circuit
3.6 Ceramic Resonator
The internal crystal oscillator circuit is also designed to interface with a ceramic resonator in the frequency
range of 4-8MHz. Figure 3-2 shows the typical 2 and 3 terminal ceramic resonators and their circuits.
Follow the resonator supplier’s recommendations when selecting a resonator, since their parameters
determine the component values required to provide maximum stability and reliable start up. The load
capacitance values used in the resonator circuit design should include all stray layout capacitances. The
resonator and associated components should be mounted as near as possible to the EXTAL and XTAL pins
to minimize output distortion and start-up stabilization time.
Figure 3-2 External Ceramic Resonator Circuit
3.7 External Clock Input - Crystal Oscillator Option
The recommended method of connecting an external clock is illustrated in Figure 3-3. The external clock
source is connected to XTAL and the EXTAL pin is grounded. The external clock input must be generated
using a relatively low impedance driver.
Sample External Crystal Parameters:
Rz = 750 KΩ
Note: If the operating temperature range is limited to
below 85oC (105oC junction), then Rz = 10 Meg Ω
EXTAL XTAL
Rz
CL1
CL2
Crystal Frequency = 4 - 8MHz (optimized for 8MHz)
EXTAL XTAL
Rz
EXTAL XTAL
Rz
Sample External Ceramic Resonator Parameters:
Rz = 750 KΩ
EXTAL XTAL
Rz
C1
CL1
CL2
C2
Resonator Frequency = 4 - 8MHz (optimized for 8MHz)
3 Terminal
2 Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com