Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 180 page
background image
56F8037 Data Sheet, Rev. 2
74
Freescale Semiconductor
Preliminary
5.6.3.5
QSPI 0 Receiver Full Interrupt Priority Level (QSPI0_RCV IPL)—Bits 7–6
This field is used to set the interrupt priority level for the QSPI0 Receiver Full IRQ. This IRQ is limited
to priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.3.6
GPIOA Interrupt Priority Level (GPIOA IPL)—Bits 5–4
This field is used to set the interrupt priority level for the GPIOA IRQ. This IRQ is limited to priorities 0
through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.3.7
GPIOB Interrupt Priority Level (GPIOB IPL)—Bits 3–2
This field is used to set the interrupt priority level for the GPIOB IRQ. This IRQ is limited to priorities 0
through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.3.8
GPIOC Interrupt Priority Level (GPIOC IPL)—Bits 1–0
This field is used to set the interrupt priority level for the GPIOC IRQ. This IRQ is limited to priorities 0
through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.4
Interrupt Priority Register 3 (IPR3)
Figure 5-6 Interrupt Priority Register 3 (IPR3)
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
I2C_ERR IPL
QSCI1_RCV
IPL
QSCI1_RER
R IPL
QSCI1_TIDL
IPL
QSCI1_XMIT
IPL
QSCI0_RCV
IPL
QSCI0_RERR
IPL
QSCI0_TIDL
IPL
Write
RESET
0
0
00
00
00
00
00
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com