Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 180 page
background image
56F8037 Data Sheet, Rev. 2
90
Freescale Semiconductor
Preliminary
6.2 Features
The SIM has the following features:
•
Chip reset sequencing
•
Core and peripheral clock control and distribution
•
Stop/Wait mode control
•
System status control
•
Registers containing the JTAG ID of the chip
•
Controls for programmable peripheral and GPIO connections
•
Peripheral clocks for TMR and PWM with a high-speed (3X) option
•
Power-saving clock gating for peripherals
•
Three power modes (Run, Wait, Stop) to control power utilization
— Stop mode shuts down the 56800E core, system clock, and peripheral clock
— Wait mode shuts down the 56800E core and unnecessary system clock operation
— Run mode supports full device operation
•
Controls the enable/disable functions of the 56800E core WAIT and STOP instructions with write protection
capability
•
Controls the enable/disable functions of Large Regulator Standby mode with write protection capability
•
Permits selected peripherals to run in Stop mode to generate Stop recovery interrupts
•
Controls for programmable peripheral and GPIO connections
•
Software chip reset
•
I/O short address base location control
•
Peripheral protection control to provide runaway code protection for safety-critical applications
•
Controls output of internal clock sources to CLKO pin
•
Four general-purpose software control registers are reset only at power-on
•
Peripherals Stop mode clocking control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com