| Electronic Components Datasheet Search |
|
56F8037 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8037 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 180 page ![]() 56F8037 Data Sheet, Rev. 2 64 Freescale Semiconductor Preliminary Part 5 Interrupt Controller (ITCN) 5.1 Introduction The Interrupt Controller (ITCN) module arbitrates between various interrupt requests (IRQs), signals to the 56800E core when an interrupt of sufficient priority exists, and to what address to jump in order to service this interrupt. 5.2 Features The ITCN module design includes these distinctive features: • Programmable priority levels for each IRQ • Two programmable Fast Interrupts • Notification to SIM module to restart clocks out of Wait and Stop modes • Ability to drive initial address on the address bus after reset For further information, see Table 4-2, Interrupt Vector Table Contents. 5.3 Functional Description The Interrupt Controller is a slave on the IPBus. It contains registers that allow each of the 64 interrupt sources to be set to one of four priority levels (excluding certain interrupts that are of fixed priority). Next, all of the interrupt requests of a given level are priority encoded to determine the lowest numerical value of the active interrupt requests for that level. Within a given priority level, number 0 is the highest priority and number 63 is the lowest. MSCAN_TXFG3 $33 Foreground Transmit Buffer 3 MSCAN_TXFG4 $34 Foreground Transmit Buffer 4 MSCAN_TXFG5 $35 Foreground Transmit Buffer 5 MSCAN_TXFG6 $36 Foreground Transmit Buffer 6 MSCAN_TXFG7 $37 Foreground Transmit Buffer 7 MSCAN_TXFG8 $38 Foreground Transmit Buffer 8 MSCAN_TXFG9 $39 Foreground Transmit Buffer 9 MSCAN_TXFG10 $3A Foreground Transmit Buffer 10 MSCAN_TXFG11 $3B Foreground Transmit Buffer 11 MSCAN_TXFG12 $3C Foreground Transmit Buffer 12 MSCAN_TXFG13 $3D Foreground Transmit Buffer 13 MSCAN_TXFG14 $3E Foreground Transmit Buffer 14 MSCAN_TXFG15 $3F Foreground Transmit Buffer 15 Reserved Table 4-33 MSCAN Registers Address Map (Continued) (MSCAN_BASE = $00 F800) Register Acronym Address Offset Register Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |