Electronic Components Datasheet Search
  English  ▼

X  

56F8037 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 180 page
background image
Register Descriptions
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
79
Preliminary
5.6.6
Interrupt Priority Register 5 (IPR5)
Figure 5-8 Interrupt Priority Register 5 (IPR6)
5.6.6.1
Programmable Interval Timer 1 Interrupt Priority Level (PIT1 IPL)—
Bits 15–14
This field is used to set the interrupt priority level for the Programmable Interval Timer 1 IRQ. This IRQ
is limited to priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.6.2
Programmable Interval Timer 0 Interrupt Priority Level (PIT0 IPL)—
Bits 13–12
This field is used to set the interrupt priority level for the Programmable Interval Timer 0 IRQ. This IRQ
is limited to priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.6.3
Comparator B Interrupt Priority Level (COMPB IPL)—
Bits 11–10
This field is used to set the interrupt priority level for the Comparator B IRQ. This IRQ is limited to
priorities 0 through 2. It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
Base + $5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PIT1 IPL
PIT0 IPL
COMPB IPL
COMPA IPL
TMRB_3 IPL
TMRB_2 IPL
TMRB_1 IPL
TMRB_0 IPL
Write
RESET
0000000
000
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com