Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 48Page - STMicroelectronics L6714TR Datasheet HTML 49Page - STMicroelectronics L6714TR Datasheet HTML 50Page - STMicroelectronics L6714TR Datasheet HTML 51Page - STMicroelectronics L6714TR Datasheet HTML 52Page - STMicroelectronics L6714TR Datasheet HTML 53Page - STMicroelectronics L6714TR Datasheet HTML 54Page - STMicroelectronics L6714TR Datasheet HTML 55Page - STMicroelectronics L6714TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Over current protection
L6714
52/70
in this particular situation, the switching frequency for each phase results reduced. The ON
time is the maximum allowed TON(max) while the OFF time depends on the application:
Figure 20. Constant current
The trans-conductance resistor Rg can be designed considering that the device limits the
bottom of the inductor current ripple and also considering the additional current delivered
during the quasi-constant-current behavior as previously described in the worst case
conditions.
Moreover, when designing D-VID compatible systems, the additional current due to the
output filter charge during dynamic VID transitions must be considered.
where
T
OFF
L
I
PEAK
I
OCPx
–
V
OUT
------------------------------------
⋅
=
f
1
T
ON max
()
T
OFF
+
---------------------------------------------
=
VOUT
0.40 VIN
Constant Current (Exploded)
IOCP = 4 x IOCPx
(IDROOP = 140µA)
IOUT
UVP Threshold
Resulting Out. Char.
IMAX,tot
Limted-TON Char.
Droop Effect
TON(max)
TON(max)
IOCPx
IMAX
IPEAK
LS ON Skipping
Clock Cycles
TSW
TSW
Rg
I
OCPx max
()
R
SENSE max
()
⋅
I
OCTH min
()
-----------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
N
---------------------------
∆I
PP
2
------------
I
DVID
–
N
------------------
+
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com