Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 33Page - STMicroelectronics L6714TR Datasheet HTML 34Page - STMicroelectronics L6714TR Datasheet HTML 35Page - STMicroelectronics L6714TR Datasheet HTML 36Page - STMicroelectronics L6714TR Datasheet HTML 37Page - STMicroelectronics L6714TR Datasheet HTML 38Page - STMicroelectronics L6714TR Datasheet HTML 39Page - STMicroelectronics L6714TR Datasheet HTML 40Page - STMicroelectronics L6714TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
L6714
Voltage positioning
37/70
12.1
Droop function (Optional)
This method "recovers" part of the drop due to the output capacitor ESR in the load
transient, introducing a dependence of the output voltage on the load current: a static error
proportional to the output current causes the output voltage to vary according to the sensed
current.
As shown in Figure 11, the ESR drop is present in any case, but using the droop function
the total deviation of the output voltage is minimized. Moreover, more and more high-
performance CPUs require precise load-line regulation to perform in the proper way.
DROOP function is not then required only to optimize the output filter, but also beacomes a
requirement of the load.
Connecting DROOP pin and FB pin together, the device forces a current IDROOP,
proportional to the read current, into the feedback resistor RFB implementing the load
regulation dependence. Since IDROOP depends on the current information about the three
phases, the output characteristic vs. load current is then given by:
Where RSENSE is the chosen sensing element resistance (Inductor DCR or LS RdsON) and
IOUT is the output current of the system.
The whole power supply can be then represented by a "real" voltage generator with an
equivalent output resistance RDROOP and a voltage value of VREF. RFB resistor can be also
designed according to the RDROOP specifications as follow:
Droop function is optional, in case it is not desired, the DROOP pin can be disconnected
from the FB and an information about the total delivered current becomes available for
debugging, and/or current monitoring. When not used, the pin can be shorted to SGND.
Figure 11. Voltage positioning (left) and droop function (right)
V
OUT
V
REF
R
FB
I
DROOP
⋅
–
V
REF
R
FB
R
SENSE
Rg
---------------------
I
OUT
⋅⋅
–
V
REF
R
DROOP
I
OUT
⋅
–
==
=
R
FB
R
DROOP
Rg
R
SENSE
---------------------
⋅
=
VREF
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
ESR Drop
VMAX
VMIN
VNOM
RESPONSE WITHOUT DROOP
RESPONSE WITH DROOP
DROOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com