Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 59Page - STMicroelectronics L6714TR Datasheet HTML 60Page - STMicroelectronics L6714TR Datasheet HTML 61Page - STMicroelectronics L6714TR Datasheet HTML 62Page - STMicroelectronics L6714TR Datasheet HTML 63Page - STMicroelectronics L6714TR Datasheet HTML 64Page - STMicroelectronics L6714TR Datasheet HTML 65Page - STMicroelectronics L6714TR Datasheet HTML 66Page - STMicroelectronics L6714TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
L6714
Tolerance band (TOB) definition
63/70
23.3
Time constant matching error tolerance (TOB TCMatching)
●
Inductance and capacitance Tolerance (kL, kC). Variations in the inductance value and
in the value of the capacitor used for the Time Constant Matching causes over/under
shoots after a load transient appliance. This impacts the output voltage and then the
TOB. Since all the sense elements results to be in parallel, the error related to the time
constant mismatch has to be divided by the number of phases (N).
●
Capacitance Temperature Variations (kCt). The capacitor used for time constant
matching also vary with temperature (
∆TC) impacting on the output voltage transients
ad before. Since all the sense elements results to be in parallel, the error related to the
time constant mismatch has to be divided by the number of phases (N).
●
All these parameters impact the Dynamic AVP, so they must be weighted on the
maximum dynamic voltage swing (Idyn). Total error due to time constant mismatch
results:
23.4
Temperature measurement error (VTC)
Error in the measured temperature (for thermal compensation) impacts on the output
regulated voltage since the correction form the compensation circuit is not what required to
keep the output voltage flat.
The measurement error (
εTemp) must be multiplied by the copper temp coefficient (α) and
compared with the sensing resistance (RSENSE): this percentage affects the AVP voltage as
follow:
TOB
TCMatching
V
AVPDyn
2
k
L
2
k
C
2
k
Ct
∆TC
⋅
()
++
N
---------------------------------------------------------
⋅
=
V
TC
αε
Temp
⋅
R
SENSE
--------------------------
V
AVP
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com