Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 53Page - STMicroelectronics L6714TR Datasheet HTML 54Page - STMicroelectronics L6714TR Datasheet HTML 55Page - STMicroelectronics L6714TR Datasheet HTML 56Page - STMicroelectronics L6714TR Datasheet HTML 57Page - STMicroelectronics L6714TR Datasheet HTML 58Page - STMicroelectronics L6714TR Datasheet HTML 59Page - STMicroelectronics L6714TR Datasheet HTML 60Page - STMicroelectronics L6714TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
L6714
System control loop compensation
57/70
21
System control loop compensation
The control loop is composed by the Current Sharing control loop (See Figure 8) and the
Average Current Mode control loop. Each loop gives, with a proper gain, the correction to
the PWM in order to minimize the error in its regulation: the Current Sharing control loop
equalize the currents in the inductors while the Average Current Mode control loop fixes the
output voltage equal to the reference programmed by VID. Figure 22 shows the block
diagram of the system control loop.
The system Control Loop is reported in Figure 23. The current information IDROOP sourced
by the DROOP pin flows into RFB implementing the dependence of the output voltage from
the read current.
Figure 22. Main control loop
The system can be modeled with an equivalent single phase converter which only difference
is the equivalent inductor L/N (where each phase has an L inductor).The Control Loop gain
results (obtained opening the loop after the COMP pin):
L3
L2
L1
PWM3
PWM2
PWM1
4 / 5
VREF
ERROR AMPLIFIER
COMP
FB
ZF(s)
ZFB(s)
DROOP
IDROOP
COUT
ROUT
1 / 5
1 / 5
1 / 5
CURRENT SHARING
DUTY CYCLE
CORRECTION
IINFO1
IINFO3
IINFO2
L4
PWM4
1 / 5
IINFO4
G
LOOP s
()
PWM
Z
F s
()
R
DROOP
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com