Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 29Page - STMicroelectronics L6714TR Datasheet HTML 30Page - STMicroelectronics L6714TR Datasheet HTML 31Page - STMicroelectronics L6714TR Datasheet HTML 32Page - STMicroelectronics L6714TR Datasheet HTML 33Page - STMicroelectronics L6714TR Datasheet HTML 34Page - STMicroelectronics L6714TR Datasheet HTML 35Page - STMicroelectronics L6714TR Datasheet HTML 36Page - STMicroelectronics L6714TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
L6714
Current reading and current sharing loop
33/70
10.1
Low side current reading
When reading current across LS, the current flowing trough each phase is read using the
voltage drop across the low side MOSFET RdsON or across a sense resistor in its series and
it is internally converted into a current. The trans-conductance ratio is issued by the external
resistor Rg placed outside the chip between CSx- and CSx+ pins toward the reading points.
The current sense circuit tracks the current information for a time TTRACK centered in the
middle of the LS conduction time and holds the tracked information during the rest of the
period.
L6714 sources a constant 25
µA bias current from the CSx+ pin: the current reading circuitry
uses this pin as a reference and the reaction keeps the CSx- pin to this voltage during the
reading time (an internal clamp keeps CSx+ and CSx- at the same voltage sinking from the
CSx- pin the necessary current during the hold time; this is needed to avoid absolute
maximum rating overcome on CSx- pin). The current that flows from the CSx- pin is then
given by (See Figure 9):
where RdsON is the ON resistance of the low side MOSFET and Rg is the trans-conductance
resistor used between CSx- and CSx+ pins toward the reading points; IPHASEx is the current
carried by the relative phase and IINFOx is the current information signal reproduced
internally.
25
µA offset allows negative current reading, enabling the device to check for dangerous
returning current between the phases assuring the complete current equalization.
10.2
Inductor current reading
When reading current across the inductor DCR, the current flowing trough each phase is
read using the voltage drop across the output inductor or across a sense resistor in its
series and internally converted into a current. The trans-conductance ratio is issued by the
external resistor Rg placed outside the chip between CSx- pin toward the reading points.
The current sense circuit always tracks the current information, no bias current is sourced
from the CSx+ pin: this pin is used as a reference keeping the CSx- pin to this voltage. To
correctly reproduce the inductor current an R-C filtering network must be introduced in
parallel to the sensing element.
The current that flows from the CSx- pin is then given by the following equation (See
Figure 9):
Where IPHASEx is the current carried by the relative phase.
I
CSx-
25
µA
R
dsON
Rg
-----------------
I
PHASEx
⋅
+
25
µAI
INFOx
+
==
I
CSx-
R
L
Rg
--------
1s
L
R
L
⁄
⋅
+
1s
R
C
⋅⋅
+
-------------------------------------
I
⋅
PHASEx
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com