Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 23Page - STMicroelectronics L6714TR Datasheet HTML 24Page - STMicroelectronics L6714TR Datasheet HTML 25Page - STMicroelectronics L6714TR Datasheet HTML 26Page - STMicroelectronics L6714TR Datasheet HTML 27Page - STMicroelectronics L6714TR Datasheet HTML 28Page - STMicroelectronics L6714TR Datasheet HTML 29Page - STMicroelectronics L6714TR Datasheet HTML 30Page - STMicroelectronics L6714TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
L6714
Device description
27/70
7
Device description
L6714 is four-phase PWM controller with embedded high current drivers that provides
complete control logic and protections for a high performance step-down DC-DC voltage
regulator optimized for advanced microprocessor power supply. Multi phase buck is the
simplest and most cost-effective topology employable to satisfy the increasing current
demand of newer microprocessors and modern high current VRM modules. It allows
distributing equally load and power between the phases using smaller, cheaper and most
common external power MOSFET and inductors. Moreover, thanks to the equal phase shift
between each phase, the input and output capacitor count results in being reduced. Phase
interleaving causes in fact input RMS current and output ripple voltage reduction and show
an effective output switching frequency increase: the 150kHz free-running frequency per
phase, externally adjustable through a resistor, results multiplied on the output by the
number of phases.
L6714 permits easy and flexible system design by allowing current reading across either
inductor or low side MOSFET in fully differential mode simply selecting the desired way
through apposite pin. In both cases, also a sense resistor in series to the related element
can be considered to improve reading precision. The current information read corrects the
PWM output in order to equalize the average current carried by each phase limiting the error
at ±3% over static and dynamic conditions unless considering the sensing element spread.
The controller includes multiple DACs, selectable through an apposite pin, allowing
compatibility with both Intel VR10,VR11 and AMD 6BIT processors specifications, also
performing D-VID transitions accordingly.
Low-Side-Less start-up allows soft start over pre-biased output avoiding dangerous current
return through the main inductors as well as negative spike at the load side.
L6714 provides programmable Over-Voltage protection to protect the load from dangerous
over stress. It can be externally set to a fixed voltage through an apposite resistor, or it can
be set internally, latching immediately by turning ON the lower driver and driving high the
FAULT pin. Furthermore, preliminary OVP protection also allows the device to protect load
from dangerous OVP when VCC is not above the UVLO threshold.
The Over-Current protection provided, with an OC threshold for each phase, causes the
device to enter in constant current mode until the latched UVP.
L6714 provides system Thermal Monitoring: through an apposite pin the device senses the
temperature of the hottest component in the application driving the Warning and the Alarm
signal as a consequence.
A compact 10x10mm body TQFP64 package with exposed thermal pad allows dissipating
the power to drive the external MOSFET through the system board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com