Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 26Page - STMicroelectronics L6714TR Datasheet HTML 27Page - STMicroelectronics L6714TR Datasheet HTML 28Page - STMicroelectronics L6714TR Datasheet HTML 29Page - STMicroelectronics L6714TR Datasheet HTML 30Page - STMicroelectronics L6714TR Datasheet HTML 31Page - STMicroelectronics L6714TR Datasheet HTML 32Page - STMicroelectronics L6714TR Datasheet HTML 33Page - STMicroelectronics L6714TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Power dissipation
L6714
30/70
9
Power dissipation
L6714 embeds high current MOSFET drivers for both high side and low side MOSFET: it is
then important to consider the power the device is going to dissipate in driving them in order
to avoid overcoming the maximum junction operative temperature. In addition, since the
device has an exposed pad to better dissipate the power, the thermal resistance between
junction and ambient consequent to the layout is also important: thermal pad need to be
soldered to the PCB ground plane through several VIAs in order to facilitate the heat
dissipation.
Two main terms contribute to the device power dissipation: bias power and drivers' power.
The first one (PDC) depends on the static consumption of the device through the supply pins
and is simply quantifiable as follows (assuming to supply HS and LS drivers with the same
VCC of the device):
where N is the number of phases.
Drivers' power is the power needed by the driver to continuously switch on and off the
external MOSFET; it is a function of the switching frequency and total gate charge of the
selected MOSFET. It can be quantified considering that the total power PSW dissipated to
switch the MOSFET (easy calculable) is dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance. This
last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the MOSFET results:
External gate resistors help the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device. When driving multiple MOSFET in parallel, it is
suggested to use one gate resistor for each MOSFET.
P
DC
V
CC
I
CC
NI
CCDRx
⋅
NI
BOOTx
⋅
++
()
⋅
=
P
SW
NF
SW
Q
GHS
V
BOOT
⋅
Q
GLS
V
CCDRx
⋅
+
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com