Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 32Page - STMicroelectronics L6714TR Datasheet HTML 33Page - STMicroelectronics L6714TR Datasheet HTML 34Page - STMicroelectronics L6714TR Datasheet HTML 35Page - STMicroelectronics L6714TR Datasheet HTML 36Page - STMicroelectronics L6714TR Datasheet HTML 37Page - STMicroelectronics L6714TR Datasheet HTML 38Page - STMicroelectronics L6714TR Datasheet HTML 39Page - STMicroelectronics L6714TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Voltage positioning
L6714
36/70
12
Voltage positioning
Output voltage positioning is performed by selecting the reference DAC and by
programming the Droop Function and Offset to the reference (See Figure 11). The currents
sourced from DROOP and FB pins cause the output voltage to vary according to the
external RFB resistor.
In addition, the embedded Remote Buffer allows to precisely programming the output
voltage offsets and variations by recovering the voltage drops across distribution lines.
The output voltage is then driven by the following relationship:
where
DROOP function can be disabled as well as the OFFSET: connecting DROOP pin and FB
pin together implements the load regulation dependence while, if this effect is not desired,
by shorting DROOP pin to SGND it is possible for the device to operate as a classic Voltage
Mode Buck converter. The DROOP pin can also be connected to SGND through a resistor
obtaining a voltage proportional to the delivered current usable for monitoring purposes.
OFFSET can be disabled by shorting the relative pin to SGND.
V
OUT
V
REF
R
FB
I
DROOP
I
OFFSET
–
()
⋅
–
=
V
REF
VID
19mV
–
VR10 - VR11
VID
AMD 6BIT
⎩
⎨
⎧
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com