Electronic Components Datasheet Search
  English  ▼

X  

L6714TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 10Page - STMicroelectronics L6714TR Datasheet HTML 11Page - STMicroelectronics L6714TR Datasheet HTML 12Page - STMicroelectronics L6714TR Datasheet HTML 13Page - STMicroelectronics L6714TR Datasheet HTML 14Page - STMicroelectronics L6714TR Datasheet HTML 15Page - STMicroelectronics L6714TR Datasheet HTML 16Page - STMicroelectronics L6714TR Datasheet HTML 17Page - STMicroelectronics L6714TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Electrical characteristics
L6714
14/70
4
Electrical characteristics
VCC = 12V ± 15%, TJ = 0°C to 70°C, unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply Current
ICC
VCC supply current
HGATEx and LGATEx = OPEN
VCCDRx = BOOTx = 12V
17
mA
ICCDRx
VCCDRx supply current
LGATEx = OPEN;
VCCDRx = 12V
1mA
IBOOTx
BOOTx supply current
HGATEx = OPEN; PHASEx to
PGNDx; VCC = BOOTx = 12V
0.75
mA
Power-ON
UVLOVCC
VCC turn-ON
VCC Rising; VCCDRx = 5V
8.9
9.3
V
VCC turn-OFF
VCC Falling; VCCDRx = 5V
7.3
7.7
V
UVLOVCCDR
VCCDR turn-ON
VCCDRx Rising; VCC = 12V
4.5
4.8
V
VCCDR turn-OFF
VCCDRx Falling; VCC = 12V
3.9
4.3
V
UVLOOVP
Pre-OVP turn-ON
VCC Rising; VCCDRx = 5V
3.6
3.85
V
Pre-OVP turn-OFF
VCC Falling; VCCDRx = 5V
3.05
3.3
V
Oscillator and Inhibit
FOSC
Main Oscillator Accuracy
OSC = OPEN
OSC = OPEN; TJ = 0°C to 125°C
135
130
150
165
170
kHz
T1
SS Delay Time
Intel mode
1
ms
T2
SS Time T2
Intel mode; RSSOSC = 25kΩ
500
µs
T3
SS Time T3
Intel mode
50
µs
OUTEN
Output enable intel mode
Rising thresholds voltage
0.80
0.85
0.90
V
Hysteresis
100
mV
Output enable AMD mode
Input low
0.80
V
Input high
1.40
V
Pull-up current
12.5
µA
dMAX
Maximum duty cycle
OSC = OPEN; IDROOP = 0µA80
%
OSC = OPEN; IDROOP = 140µA40
%
∆VOSC
PWMx ramp amplitude
4
V
FAULT
Voltage at Pin OSC
OVP Active
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com