Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 4 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
OPA875
SBOS340 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS: V
S = ±5V (continued)
At G = +2, R
L = 150Ω, unless otherwise noted.
OPA875
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL(1)
OUTPUT
Output Voltage Range
±3.5
±3.4
±3.35
±3.3
V
min
A
Output Current
VO = 0V, Linear Operation
±70
±50
±45
±40
mA
min
A
Output Resistance
Chip enabled
0.3
Ω
typ
C
Chip Disabled, Maximum
800
912
915
918
Ω
max
A
Chip Disabled, Minimum
800
688
685
682
Ω
min
A
Output Capacitance
Chip Disabled
2
pF
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±3.0
±3.0
±3.0
V
min
B
Maximum Operating Voltage
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current
Chip Selected, VS = ±5V
11
11.5
11.7
12
mA
max
A
Minimum Quiescent Current
Chip Selected, VS = ±5V
11
10
9.5
9
mA
min
A
Maximum Quiescent Current
Chip Deselected
300
500
550
600
µA
max
A
Power-Supply Rejection Ratio
(+PSRR)
Input-Referred
56
50
48
47
dB
min
A
(–PSRR)
Input-Referred
55
51
49
48
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range D Package
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
Junction-to-Ambient
D
SO-8
+100
°C/W
typ
C
DGK
MSOP-8
+140
°C/W
typ
C
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com