Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(5ns/div)
OutputVoltage
V
SEL
R
L =150W
V
R =400MHz,1V
IN_
I
PP
V
R =0V
IN_
O
DC
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(5ns/div)
OutputVoltage
V
SEL
V
IN_
DC
Ch0=+0.5V
V
Ch1= 0.5V
-
IN_
DC
Time(10ns/div)
AtMatchedLoad
V
SEL
7.5
5.0
2.5
0
-2.5
30
20
10
0
-10
-20
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
Time(20ns/div)
OutputVoltage
V
EN
V
Ch1=0V
IN_
V
IN_Ch0=200MHz,1VPP
Time(100ns/div)
5.0
2.5
0
-2.5
V
EN
AtMatchedLoad
15
10
5
0
-5
-10
-15
Frequency(Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
1M
10M
100M
1G
Ch0Selected
Ch1Driven
Input-Referred
Ch1Selected
Ch0Driven
OPA875
SBOS340 – DECEMBER 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At G = +2 and R
L = 150Ω, unless otherwise noted.
CHANNEL SWITCHING
CHANNEL-TO-CHANNEL SWITCHING TIME
Figure 13.
Figure 14.
CHANNEL SWITCHING GLITCH
DISABLE/ENABLE TIME
Figure 15.
Figure 16.
DISABLE/ENABLE SWITCHING GLITCH
CHANNEL-TO-CHANNEL CROSSTALK
Figure 17.
Figure 18.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com