Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 3 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±5V
OPA875
SBOS340 – DECEMBER 2006
At G = +2, R
L = 150Ω, unless otherwise noted.
OPA875
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL(1)
AC PERFORMANCE
See Figure 1
Small-Signal Bandwidth
VO = 200mVPP, RL = 150Ω
700
525
515
505
MHz
min
B
Large-Signal Bandwidth
VO = 4VPP, RL = 150Ω
425
390
380
370
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
VO = 200mVPP
200
MHz
typ
C
Maximum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
2.02
2.03
2.05
V/V
max
B
Minimum Small-Signal Gain
VO = 200mVPP, RL = 150Ω, f = 5MHz
2.0
1.98
1.97
1.95
V/V
min
B
SFDR
10MHz, VO = 2VPP, RL = 150Ω
–66
–64
–63
–62
dBc
max
B
Input Voltage Noise
f > 100kHz
6.7
7.0
7.2
7.4
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
3.8
4.2
4.6
4.9
pA/
√Hz
max
B
NTSC Differential Gain
RL = 150Ω
0.025
%
typ
C
NTSC Differential Phase
RL = 150Ω
0.025
°
typ
C
Slew Rate
VO = ±2V
3100
2800
2700
2600
V/
µs
min
B
Rise Time and Fall Time
VO = 0.5V Step
460
ps
typ
C
VO = 1.4V Step
600
ps
typ
C
CHANNEL-TO-CHANNEL PERFORMANCE
Gain Match
RL = 150Ω
±0.05
±0.25
±0.3
±0.35
%
max
A
Output Offset Voltage Mismatch
±3
±9
±10
±12
mV
max
A
Crosstalk
f < 50MHz, RL = 150Ω
–65
dB
typ
C
CHANNEL AND CHIP-SELECT
PERFORMANCE
SEL (Channel Select) Switching Time
RL = 150Ω
4
ns
typ
C
EN (Chip Select) Switching Time
Turn On
9
ns
typ
C
Turn Off
60
ns
typ
C
SEL (Channel Select) Switching Glitch
Both Inputs to Ground, At Matched Load
40
mVPP
typ
C
EN (Chip-Select) Switching Glitch
Both Inputs to Ground, At Matched Load
30
mVPP
typ
C
Off Isolation
50MHz, Chip Disabled (EN = High)
–70
dB
typ
C
Maximum Logic 0
EN, A0, A1
0.8
0.8
0.8
V
max
A
Minimum Logic 1
EN, A0, A1
2.0
2.0
2.0
V
min
A
EN Logic Input Current
0V to 4.5V
25
35
45
50
µA
max
A
SEL Logic Input Current
0V to 4.5V
55
70
85
100
µA
max
A
DC PERFORMANCE
Output Offset Voltage
RIN = 0Ω, G = +2V/V
±2.5
±14
±15.8
±17
mV
max
A
Average Output Offset Voltage Drift
±50
±50
µV/°C
max
B
Input Bias Current
±5
±18
±19.5
±20.5
µA
max
A
Average Input Bias Current Drift
±40
±40
nA/
°C
max
B
Gain Error (from 2V/V)
VO = ±2V
0.4
1.4
1.5
1.6
%
max
A
INPUT
Input Voltage Range
±2.8
V
min
C
Input Resistance
1.75
M
Ω
typ
C
Input Capacitance
Channel Selected
0.9
pF
typ
C
Channel Deselected
0.9
pF
typ
C
Chip Disabled
0.9
pF
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +14
°C at high temperature limit for over
temperature specifications.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com