Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments OPA875 Datasheet HTML 13Page - Texas Instruments OPA875 Datasheet HTML 14Page - Texas Instruments OPA875 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
OPERATING SUGGESTIONS
DRIVING CAPACITIVE LOADS
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
MACROMODELS AND APPLICATIONS
DC ACCURACY
OPA875
SBOS340 – DECEMBER 2006
Results for n varying from 2 to 6 are given in
Table 2.
Table 2. Series Resistance versus Number of
Parallel Outputs
One of the most demanding, yet very common load
conditions is capacitive loading. Often, the capacitive
NUMBER OF OPA875s
RO (Ω)
load is the input of an ADC—including additional
2
69
external capacitance that may be recommended to
3
63.94
improve ADC linearity. A high-speed device such as
4
59.49
the OPA875 can be very susceptible to decreased
5
55.59
stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin.
6
52.15
When the device open-loop output resistance is
considered,
this
capacitive
load
introduces
an
The two major limitations of this circuit are the device
additional pole in the signal path that can decrease
requirements for each OPA875 and the acceptable
the phase margin. Several external solutions to this
return loss because of the mismatch between the
problem have been suggested. When the primary
load (75
Ω) and the matching resistor.
considerations are frequency response flatness,
pulse response fidelity, and/or distortion, the simplest
and most effective solution is to isolate the capacitive
load from the feedback loop by inserting a series
isolation resistor between the amplifier output and
the capacitive load. This isolation resistor does not
A printed circuit board (PCB) is available to assist in
eliminate the pole from the loop response, but rather
the initial evaluation of circuit performance using the
shifts it and adds a zero at a higher frequency. The
OPA875. The fixture is offered free of charge as an
additional zero acts to cancel the phase lag from the
unpopulated PCB, delivered with a user's guide. The
capacitive load pole, thus increasing the phase
summary information for this fixture is shown in
margin and improving stability.
Table 3.
The Typical Characteristics show the recommended
Table 3. OPA875 Demonstration Fixture
RS versus capacitive load and the resulting
frequency response at the load; see Figure 5.
ORDERING
LITERATURE
PRODUCT
PACKAGE
NUMBER
NUMBER
Parasitic capacitive loads greater than 2pF can begin
OPA875IDGK
MSOP-8
DEM-TIV-MSOP-1A
SBOU044
to degrade the performance of the OPA875. Long
PCB traces, unmatched cables, and connections to
OPA875ID
SO-8
DEM-TIV-SO-1A
SBOU045
multiple devices can easily cause this value to be
The demonstration fixture can be requested at the
exceeded. Always consider this effect carefully, and
Texas Instruments web site at (www.ti.com) through
add the recommended series resistor as close as
the OPA875 product folder.
possible to the OPA875 output pin (see the Board
Layout Guidelines section).
SUPPORT
Computer simulation of circuit performance using
The OPA875 offers excellent DC signal accuracy.
SPICE
is
often
useful
when
analyzing
the
Parameters that influence the output DC offset
performance of analog circuits and systems. This is
voltage are:
particularly true for video and RF amplifier circuits
• Output offset voltage
where parasitic capacitance and inductance can
• Input bias current
have a major effect on circuit performance. A SPICE
• Gain error
model for the OPA875 is available through the Texas
• Power-supply rejection ratio
Instruments web site at www.ti.com. These models
do a good job of predicting small-signal AC and
• Temperature
transient performance under a wide variety of
operating conditions. They do not do as well in
predicting
the
harmonic
distortion
or
dG/dP
characteristics. These models do not attempt to
distinguish between the package types in their
small-signal AC performance.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com