Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 2 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
GND
Channel1(V1)
-VS
Output(V
)
OUT
ChannelSelect(SEL)
+V
S
ChipEnable(
)
EN
Channel0(V0)
OPA875
MSOP,SO
TopView
402W
402W
OPA875
SBOS340 – DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA875ID
Rails, 75
OPA875
SO-8
D
–40
°C to +85°C
OPA875
OPA875IDR
Tape and Reel, 2500
OPA875IDGKT
Tape and Reel, 250
OPA875
MSOP-8
DGK
–40
°C to +85°C
BPL
OPA875IDGKR
Tape and Reel, 2500
Over operating temperature range, unless otherwise noted.
OPA875
UNIT
Power Supply
±6.5
V
Internal Power Dissipation
See Thermal Analysis
Input Voltage Range
±V
S
V
Storage Temperature Range
–40 to +125
°C
Lead Temperature (soldering, 10s)
+260
°C
Operating Junction Temperature
+150
°C
Continuous Operating Junction Temperature
+140
°C
ESD Rating:
Human Body Model (HBM)
2000
V
Charge Device Model (CDM)
1500
V
Machine Model
200
V
PIN CONFIGURATION
Table 1. TRUTH TABLE
OPA875
SELECT
ENABLE
VOUT
1
0
R0
0
0
R1
X
1
Off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com