Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 1 Page - Texas Instruments

  OPA875 Datasheet HTML 1Page - Texas Instruments OPA875 Datasheet HTML 2Page - Texas Instruments OPA875 Datasheet HTML 3Page - Texas Instruments OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TIV675
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
OPA875
(Patented)
75W
Ch0
75W
Ch1
Out
EN
75W
SEL
ChannelSelect
2:1VideoMultiplexer
OPA875
SBOS340 – DECEMBER 2006
Single 2:1 High-Speed Video Multiplexer
• 700MHz SMALL-SIGNAL BANDWIDTH
The OPA875 offers a very wideband, single-channel
(AV = +2)
2:1 multiplexer in an SO-8 or a small MSOP-8
package. Using only 11mA, the OPA875 provides a
• 425MHz, 4V
PP BANDWIDTH
gain of +2 video amplifier channel with > 425MHz
• 0.1dB GAIN FLATNESS to 200MHz
large-signal bandwidth (4VPP). Gain accuracy and
• 4ns CHANNEL SWITCHING TIME
switching glitch are improved over earlier solutions
using a new input stage switching approach. This
• LOW SWITCHING GLITCH: 40mV
PP
technique uses current steering as the input switch
• 3100V/µs SLEW RATE
while maintaining an overall closed-loop design. With
• 0.025%/0.025° DIFFERENTIAL GAIN, PHASE
> 700MHz small-signal bandwidth at a gain of 2, the
OPA875 gives a typical 0.1dB gain flatness to
• HIGH GAIN ACCURACY: 2.0V/V ±0.4%
> 200MHz.
System power may be reduced using the chip enable
• RGB SWITCHING
feature for the OPA875. Taking the chip enable line
high powers down the OPA875 to < 300
µA total
• LCD PROJECTOR INPUT SELECT
supply current. Muxing multiple OPA875 outputs
• WORKSTATION GRAPHICS
together, then using the chip enable to select which
• ADC INPUT MUX
channels are active, increases the number of
• DROP-IN UPGRADE TO LT1675-1
possible inputs.
Where three channels are required, consider using
the OPA3875 for the same level of performance.
OPA875 RELATED PRODUCTS
DESCRIPTION
OPA3875
Triple-Channel OPA875
OPA692
225MHz Video Buffer
OPA693
700MHz Video Buffer
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA875

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI2-OPA875 Datasheet
764Kb / 26P
Triple 2:1 High-Speed Video Multiplexer
REVISED AUGUST 2008
OPA875 TI2-OPA875 Datasheet
791Kb / 27P
Single 2:1 High-Speed Video Multiplexer
REVISED AUGUST 2008
logo
KODENSHI_AUK CORP.
OPA8750T KODENSHI-OPA8750T Datasheet
99Kb / 1P
Infrared LED Chip
More results

Similar Description - OPA875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com