Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments OPA875 Datasheet HTML 13Page - Texas Instruments OPA875 Datasheet HTML 14Page - Texas Instruments OPA875 Datasheet HTML 15Page - Texas Instruments OPA875 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
V
=V
+(R I )xG
5
(V ) x10
± |
|
OSO_envelope
OSO
S
b
S+
-
·
-
PSRR+
20
PSRR-
20
± |
|
5
(V ) x10
S-
- -
-
NOISE PERFORMANCE
±
±
±
14mV+75
x
W
18 Ax2
m
|
|
5
6 x10
-
50
20
-
51
20
-
±
5
( 6) x10
|
|
-
-
-
= ±22.7mV
(5)
DISTORTION PERFORMANCE
+5V
-
5V
Channel
Select
EN
OPA875
+1
+2
+1
e
n
i
b
R
S
eR
S
e
O
e =2
o
e +(i R ) +4kTR
n
b
S
S
2
2
(6)
OPA875
SBOS340 – DECEMBER 2006
Leaving both temperature and gain error parameters
are extremely low at low output power levels. The
aside, the output offset voltage envelope can be
output stage continues to hold them low even as the
described as shown in Equation 4:
fundamental power reaches very high levels. As the
Typical
Characteristics
show,
the
spurious
intermodulation powers do not increase as predicted
by a traditional intercept model. As the fundamental
power level increases, the dynamic range does not
(4)
decrease significantly. For two tones centered at
20MHz, with 4dBm/tone into a matched 50
Ω load
With:
(that is, 1VPP for each tone at the load, which
VOSO: Output offset voltage
requires 4VPP for the overall 2-tone envelope at the
RS: Input resistance seen by R0, R1, G0, G1,
output pin), the Typical Characteristics show a 82dBc
B0, or B1.
difference between the test-tone power and the
Ib: Input bias current
3rd-order intermodulation spurious levels.
G: Gain
VS+: Positive supply voltage
VS–: Negative supply voltage
The OPA875 offers an excellent balance between
voltage and current noise terms to achieve low
PSRR+: Positive supply PSRR
output noise. As long as the AC source impedance
PSRR–: Negative supply PSRR
looking out of the noninverting node is less than
Evaluating
the
front-page
schematic,
using
a
100
Ω, this current noise will not contribute
worst-case, +25
°C offset voltage, bias current and
significantly to the total output noise. The device
PSRR specifications and operating at
±6V, gives a
input voltage noise and the input current noise terms
worst-case output equal to Equation 5:
combine to give low output noise under a wide
variety of operating conditions. Figure 30 shows this
device noise analysis model with all the noise terms
included. In this model, all noise terms are taken to
be noise voltage or current density terms in either
nV/
√Hz or pA/√Hz.
The OPA875 provides good distortion performance
into a 100
Ω load on ±5V supplies. Relative to
alternative
solutions,
it
provides
exceptional
performance into lighter loads. Generally, until the
fundamental signal reaches very high frequency or
power
levels,
the
2nd-harmonic
dominates
the
distortion with a negligible 3rd-harmonic component.
Focusing then on the 2nd-harmonic, increasing the
load impedance improves distortion directly. Also,
providing an additional supply decoupling capacitor
(0.01
µF) between the supply pins (for bipolar
operation) improves the 2nd-order distortion slightly
Figure 30. Noise Model
(3dB to 6dB).
In most op amps, increasing the output voltage
The total output spot noise voltage can be computed
swing increases harmonic distortion directly. The
as the square root of the sum of all squared output
Typical
Characteristics
show
the
2nd-harmonic
noise voltage contributors. Equation 6 shows the
increasing at a little less than the expected 2X rate
general form for the output noise voltage using the
while the 3rd-harmonic increases at a little less than
terms shown in Figure 30.
the expected 3X rate. Where the test power doubles,
the 2nd-harmonic increases only by less than the
expected 6dB, whereas the 3rd-harmonic increases
by less than the expected 12dB. This also shows up
in the two-tone, 3rd-order intermodulation spurious
(IM3) response curves. The 3rd-order spurious levels
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com