Electronic Components Datasheet Search
  English  ▼

X  

OPA875 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments OPA875 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
APPLICATIONS INFORMATION
1-BIT HIGH-SPEED PGA
TRANSMIT/RECEIVE SWITCH
HIGH ISOLATION RGB VIDEO MUX
50W
57.6W
50W
OPA875
x1
x2
x1
IN
50W
Source
50W
Load
50W
50W
OPA695
Channel0
Channel1
523W
OPA695
402W
+5V
+5V
-5V
-5V
+5V
-5V
OPA875
x1
x2
x1
ReceiveChannel
Channel0
Channel1
OPA875
SBOS340 – DECEMBER 2006
The OPA875 can be used as a 1-bit, high-speed
The OPA875 can be used as a transmit/receive
programmable gain amplifier (PGA) when used in
switch in which the receive channel is disconnected,
conjunction with another amplifier. Figure 25 shows
when the OPA875 is switched from channel 0 to
the OPA695 used twice with one amplifier configured
channel 1, to prevent the transmit pulse from going
in a unity-gain structure, and the other amplifier
through the receive signal chain. This architecture is
configured in a gain of +8V/V.
shown in Figure 26.
When channel 0 is selected, the overall gain to the
matched load of the OPA875 is 0dB. When channel
1 is selected, this circuit delivers an 18dB gain to the
Three OPA875s can be used as a triple, 2:1 video
matched load.
MUX (see Figure 27). This configuration has the
advantage of having higher R to G to B isolation than
a comparable and more integrated solution does,
such
as
the
OPA3875,
especially
at
higher
frequencies. This comparison is shown in Figure 28.
Figure 25. 1-Bit, High-Speed PGA
Figure 26. Transmit/Receive Switch
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com