Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp UPD17P218 Datasheet HTML 27Page - Renesas Technology Corp UPD17P218 Datasheet HTML 28Page - Renesas Technology Corp UPD17P218 Datasheet HTML 29Page - Renesas Technology Corp UPD17P218 Datasheet HTML 30Page - Renesas Technology Corp UPD17P218 Datasheet HTML 31Page - Renesas Technology Corp UPD17P218 Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
µPD17P218
27
In-Circuit Emulator
IE-17K,
IE-17K-ET Note 1,
EMU-17K Note 2
APPENDIX B.
DEVELOPMENT TOOLS
To develop the programs for the
µPD17P218, the following development tools are available:
Hardware
Name
Remarks
IE-17K, IE-17K-ET, and EMU-17K are the in-circuit emulators used in common with the
17K series microcomputer.
IE-17K and IE-17K-ET are connected to a PC-9800 series or IBM PC/AT
TM as the host
machine with RS-232C. EMU-17K is inserted into the expansion slot of a PC-9800 series.
By using these in-circuit emulators with a system evaluation board corresponding to the
microcomputer, the emulators can emulate the microcomputer. A higher level
debugging environment can be provided by using man-machine interface
SIMPLEHOST
TM.
EMU-17K also has a function by which you can check the contents of data memory real-
time.
SE Board
This is an SE board for
µPD17215 sub-series. It can be used alone to evaluate a system
(SE-17215)
or in combination with an in-circuit emulator for debugging.
Emulation Probe
EP-17K28CT is an emulation probe for 17K series 28-pin shrink DIP (400mil).
(EP-17K28CT)
Emulation Probe
EP-17K28GT is an emulation probe for 17K series 28-pin SOP (375 mil). When used with
(EP-17K28GT)
EV-9500GT-28
Note 3, it connects an SE board to the target system.
Conversion Adapter
EV-9500GT-28 is a conversion adapter for 28-pin SOP (375 mil) and is used to connect
(EV-9500GT-28 Note 3)
EP-17K28GT to the target system.
PROM Programmer
AF-9703, AF-9704, and AF-9706 are PROM programmers corresponding to
µPD17P218.
(AF-9703 Note 4,
By connecting program adapter AF-9808J or AF-9808H to this PROM programmer,
AF-9704 Note 4, 5,
µPD17P218 can be programmed.
AF-9706 Note 4)
Program Adapter
AF-9808J and AF-9808H are adapters that is used to program
µPD17P218CT and
(AF-9808JNote 4,
µPD17P218GT respectively, and is used in combination with AF-9703, AF-9704, or
AF-9808H Note 4)
AF-9706.
Note 1: Low-cost model: External power supply type
2: This is a product from IC Corp. For details, consult IC Corp.
3: Two EV-9500GT-28s are supplied with the EP-17K28GT. Five EV-9500GT-28s are optionally available
as a set.
4: These are products from Ando Electric. For details, consult Ando Electric.
5: Maintenance product (This is no longer produced.)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com