Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp UPD17P218 Datasheet HTML 27Page - Renesas Technology Corp UPD17P218 Datasheet HTML 28Page - Renesas Technology Corp UPD17P218 Datasheet HTML 29Page - Renesas Technology Corp UPD17P218 Datasheet HTML 30Page - Renesas Technology Corp UPD17P218 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
µPD17P218
25
6.
RECOMMENDED SOLDERING CONDITIONS
For the
µPD17P218, soldering must be performed under the following conditions.
For details of recommended conditions for surface mounting, refer to information document “Semiconductor
device mounting technology manual” (IEI-1207).
For other soldering methods, please consult with NEC sales personnel.
Table 6-1 Soldering Conditions of Surface-Mount Type
µPD17P218GT: 28-pin plastic SOP (375 mil)
Soldering Method
Soldering Conditions
Recommended Condi-
tions Reference Code
Package peak temperature: 230 ˚C, Time: 30 seconds max.
Infrared Reflow
(more than 210 ˚C), Number of soldering operations: 1,
IR30-203-1
Maximum number of days: 3 days
Note
(Afterwards, 20 hours prebaking at 125 ˚C is required)
Pin Partial Heating
Pin temperature: 300 ˚C max., Time: 3 seconds max. (per side)
—
Note:
This means the number of days after unpacking the dry pack. Storage conditions are 25 ˚C and 65 %
RH max.
Caution:
Do not use one soldering method in combination with another. (However, pin partial heating can
be performed with other soldering methods.)
Table 6-2 Soldering Conditions of Through-Hole Type
µPD17P218CT: 28-pin plastic shrink DIP (400 mil)
Soldering Method
Soldering Conditions
Wave Soldering
Solder bath temperature: 260 ˚C max., Time: 10 seconds max.
(Only for lead part)
Pin Partial Heating
Pin temperature: 300 ˚C max., Time: 10 seconds max.
Caution:
The wave soldering must be performed at the lead part only. Note that the solder must not be
directly contacted to the package body.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com