Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 13Page - Renesas Technology Corp UPD17P218 Datasheet HTML 14Page - Renesas Technology Corp UPD17P218 Datasheet HTML 15Page - Renesas Technology Corp UPD17P218 Datasheet HTML 16Page - Renesas Technology Corp UPD17P218 Datasheet HTML 17Page - Renesas Technology Corp UPD17P218 Datasheet HTML 18Page - Renesas Technology Corp UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
µPD17P218
15
4.
ELECTRICAL SPECIFICATIONS (PRELIMINARY)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Item
Symbol
Conditions
Ratings
Unit
Peak value
Effective value
Peak value
Effective value
Peak value
Effective value
Peak value
Effective value
Peak value
Effective value
Peak value
Effective value
–0.3 to +7.0
–0.3 to VDD +0.3
–0.3 to VDD +0.3
–36.0
–24.0
–7.5
–5.0
–22.5
–15.0
7.5
5.0
30.0
20.0
22.5
15.0
–40 to +85
–60 to +150
180
REM pin
1 pin (P0E pin)
Total of P0E pins
1 pin
Total of P0E pins
Total of P0C, P0D,
WDOUT pins
Ta = 85
°C
VDD
VI
VO
IOH
IOL
Topt
Tstg
Pd
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
°C
°C
mW
Note: Effective value = Peak value
× √Duty.
Caution: Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality
of the product may be degraded. The absolute maximum rating therefore specifies the upper or
lower limit of the value at which the product can be used without physical damages. Be sure not
to exceed or fall below this value when using the product.
5
5
5
5
Supply Voltage
Input Voltage
Output Voltage
High-Level Output
Current Note
Low-Level Output
Current Note
Operating Temperature
Storage Temperature
Power dissipation
RECOMMENDED OPERATING RANGE (VDD = 2.0 to 5.5 V, Ta = –40 to +85
°C)
VDD1
VDD2
VDD3
VDD4
fX
Item
Symbol
Conditions Note
MIN.
TYP.
MAX.
Unit
fx = 1 MHz
High-speed mode (16
µs)
Normal mode (8
µs)
fx = 4 MHz
High-speed mode (4
µs)
fx = 8 MHz
High-speed mode (2
µs)
2.0
3.0
5.5
2.2
3.0
5.5
3.5
5.0
5.5
1.0
4.0
8.0
MHz
Note: Figures in parentheses indicate instruction execution time.
5
Supply Voltage
Oscillation Frequency
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com