Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp UPD17P218 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
µPD17P218
21
AC PROGRAMMING CHARACTERISTICS (Ta = 25
°C, VDD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V)
Item
Symbol Note 1
Conditions
MIN.
TYP.
MAX.
Unit
Note 1: These symbols are the corresponding
µPD27C256A symbols.
2: The internal address is incremented by 1 at the third falling edge of CLK (with four clocks
constituting as one cycle). The internal address is not connected to any pin.
tAS
tAS
tM1S
tOES
tDS
tDS
tAH
tAH
tDH
tDH
tDF
tDF
tVPS
tVPS
tVDS
tVCS
tPW
tPW
tOPW
tOPW
tMOS
tCES
tDV
tDV
tM1H
tOEH
tM1R
tOR
tPCR
–
tXH,tXL
–
fX
–
tI
–
tM3S
–
tM3H
–
tM3SR
–
tDAD
tACC
tHAD
tOH
tM3HR
–
tDFR
–
tRES
MD0 = MD1 = VIL
tM1H + tM1R
50
µs
When data is read from program memory
When data is read from program memory
When data is read from program memory
When data is read from program memory
When data is read from program memory
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
2
µs
2
µs
0.95
1.0
1.05
ms
0.95
21.0
ms
2
µs
1
µs
2
µs
2
µs
10
µs
0.125
µs
4.19
MHz
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
2
µs
2
µs
10
µs
Address Setup Time Note 2 (vs.MD0
↓)
MD1 Setup Time (vs. MD0
↓)
Data Setup Time (vs. MD0
↓)
Address Hold Time Note 2 (vs.MD0
↑)
Data Hold Time (vs. MD0
↑)
MD0
↑→ Data Output Float Delay Time
VPP Setup Time (vs. MD3
↑)
VDD Setup Time (vs. MD3
↑)
Initial Program Pulse Width
Additional Program Pulse Width
MD0 Setup Time (vs. MD1
↑)
MD0
↓→ Data Output Delay Time
MD1 Hold Time (vs. MD0
↑)
MD1 Recovery Time (vs. MD0
↓)
Program Counter Reset Time
CLK Input High-/Low- Level Width
CLK Input Frequency
Initial Mode Set Time
MD3 Setup Time (vs. MD1
↑)
MD3 Hold Time (vs. MD1
↓)
MD3 Setup Time (vs. MD0
↓)
Address Note 2
→ Data Output Delay Time
Address Note 2
→ Data Output Hold Time
MD3 Hold Time (vs. MD0
↑)
MD3
↓→ Data Output Float Delay Time
Reset Setup Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com