Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 18Page - Renesas Technology Corp UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
µPD17P218
20
DC PROGRAMMING CHARACTERISTICS (Ta = 25
°C, VDD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
VIH2
VIL1
VIL2
ILI
VOH
VOL
IDD
IPP
Other than CLK
CLK
Other than CLK
CLK
VIN = VIL or VIH
IOH = –1 mA
IOL = 1.6 mA
MD0 = VIL, MD1 = VIH
0.7 VDD
VDD
V
VDD –0.5
VDD
V
0
0.3 VDD
V
0
0.4
V
10
µA
VDD –1.0
V
0.4
V
30
mA
30
mA
High-Level Input Voltage
Low-Level Input Voltage
Input Leakage Current
High-Level Output Voltage
Low-Level Output Voltage
VDD Supply Current
VPP Supply Current
Caution 1: VPP must not exceed +13.5 V, including the overshoot.
2: Apply VDD before VPP and disconnect it after VPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com