Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 16Page - Renesas Technology Corp UPD17P218 Datasheet HTML 17Page - Renesas Technology Corp UPD17P218 Datasheet HTML 18Page - Renesas Technology Corp UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
µPD17P218
18
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
IDD1
fX = 8 MHz
Operating mode
VDD = 5 V
± 10 %
3.8
7.6
mA
(High-speed mode)
IDD2
fX = 8 MHz
HALT mode
VDD = 5 V
± 10 %
2.6
5.2
mA
Operating mode
VDD = 5 V
± 10 %
2.3
4.6
mA
(High-speed mode)
VDD = 3 V
± 10 %
1.2
2.5
mA
IDD3
fX = 4 MHz
VDD = 5 V
± 10 %
2.0
4.0
mA
Operating mode
(Normal mode)
VDD = 3 V
± 10 %
1.0
2.0
mA
VDD = 2.0 to 2.2 V
0.55
1.1
mA
VDD = 5 V
± 10 %
1.8
3.6
mA
IDD4
fX = 4 MHz
HALT mode
VDD = 3 V
± 10 %
1.0
2.0
mA
VDD = 2.0 to 2.2 V
0.5
1.0
mA
Operating mode
VDD = 3 V
± 10 %
0.7
2.1
mA
Supply Current
IDD5
fX = 1 MHz
(High-speed mode)
VDD = 2.0 to 2.2 V
0.3
0.9
mA
VDD = 3 V
± 10 %
0.6
1.8
mA
IDD6
fX = 1 MHz
HALT mode
VDD = 2.0 to 2.2 V
0.2
0.6
mA
VDD = 5 V
± 10 %
1
30
µA
IDD7
STOP mode
VDD = 3 V
± 10 %
1
20
µA
(Ta = –40 to +85 ˚C)
VDD = 2.0 to 2.2 V
1
16
µA
VDD = 5 V
± 10 %
1
20
µA
IDD8
STOP mode
VDD = 3 V
± 10 %
1
10
µA
(Ta = –20 to +70 ˚C)
VDD = 2.0 to 2.2 V
1
8
µA
VDD = 5 V
± 10 %
1
5
µA
STOP mode
IDD9
(Ta = 25
°C)
VDD = 3 V
± 10 %
1
5
µA
VDD = 2.0 to 2.2 V
1
5
µA
Data Retention
VDDR
RESET = Low level or in STOP mode
1.3
5.5
V
Voltage
DC CHARACTERISTICS (VDD = 2.0 to 5.5 V, Ta = –40 to +85
°C)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com