Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 14Page - Renesas Technology Corp UPD17P218 Datasheet HTML 15Page - Renesas Technology Corp UPD17P218 Datasheet HTML 16Page - Renesas Technology Corp UPD17P218 Datasheet HTML 17Page - Renesas Technology Corp UPD17P218 Datasheet HTML 18Page - Renesas Technology Corp UPD17P218 Datasheet HTML 19Page - Renesas Technology Corp UPD17P218 Datasheet HTML 20Page - Renesas Technology Corp UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
µPD17P218
16
SYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 2.0 to 5.5 V)
Recommended
Constants
Oscillation frequency
(fx)
Note 1
1.0
4.0
8.0
MHz
Oscillation
stabilization
4ms
time
Note 2
Oscillation frequency
(fx)
Note 1
1.0
4.0
8.0
MHz
Oscillation
VDD = 4.5 to 5.5 V
10
ms
stabilization
time
Note 2
30
ms
Note 1: The oscillation frequency indicates only the characteristics of the oscillation circuit.
2: The oscillation stabilization time is the time required for oscillation to stabilize after VDD has been
applied or the STOP mode has been released.
Caution:
Wire the shaded portion in the above figures as follows to prevent adverse influence of wiring
capacitance when the system clock oscillation circuit is used:
•
Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines. Do not place the wiring in the vicinity of lines
through which a high alternating current flows.
• Always keep the ground of the capacitor of the oscillation circuit at the same potential as GND. Do
not ground the capacitor to a ground pattern through which a high current flows.
• Do not extract a signal from the oscillation circuit.
Ceramic
Oscillator
Crystal
Oscillator
After VDD has
reached MIN value
of oscillation
voltage range
Oscillator
Item
Conditions
MIN.
TYP.
MAX.
Unit
5
X IN
X OUT
X IN
X OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com