Electronic Components Datasheet Search
  English  ▼

X  

UPD17P218 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 21Page - Renesas Technology Corp UPD17P218 Datasheet HTML 22Page - Renesas Technology Corp UPD17P218 Datasheet HTML 23Page - Renesas Technology Corp UPD17P218 Datasheet HTML 24Page - Renesas Technology Corp UPD17P218 Datasheet HTML 25Page - Renesas Technology Corp UPD17P218 Datasheet HTML 26Page - Renesas Technology Corp UPD17P218 Datasheet HTML 27Page - Renesas Technology Corp UPD17P218 Datasheet HTML 28Page - Renesas Technology Corp UPD17P218 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
µPD17P218
23
5.
PACKAGE DRAWINGS
28 PIN PLASTIC SOP (375 mil)
H
I
J
L
detail of lead end
N
P28GM-50-375B-2
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
K
18.07 MAX.
1.27 (T.P.)
2.9 MAX.
2.50
10.3±0.3
0.78 MAX.
0.712 MAX.
0.004±0.004
0.115 MAX.
0.406
0.283
0.031 MAX.
NOTE
L
M
0.12
0.8±0.2
1.6
7.2
0.005
0.031
+0.009
–0.008
Each lead centerline is located within 0.12
mm (0.005 inch) of its true position (T.P.) at
maximum material condition.
0.063
0.098
0.050 (T.P.)
0.15
+0.10
–0.05
0.006
+0.004
–0.002
N
0.15
0.006
0.016
+0.004
–0.003
+0.012
–0.013
0.40
+0.10
–0.05
0.1±0.1
A
114
28
15
C
B
M
M
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com