Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 12Page - Monolithic Power Systems MP5098 Datasheet HTML 13Page - Monolithic Power Systems MP5098 Datasheet HTML 14Page - Monolithic Power Systems MP5098 Datasheet HTML 15Page - Monolithic Power Systems MP5098 Datasheet HTML 16Page - Monolithic Power Systems MP5098 Datasheet HTML 17Page - Monolithic Power Systems MP5098 Datasheet HTML 18Page - Monolithic Power Systems MP5098 Datasheet HTML 19Page - Monolithic Power Systems MP5098 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
16
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP5098 is a 12V/5V, dual-channel e-fuse
with current limiting. It is designed to limit the
inrush current to the load while a circuit card is
inserted into a live backplane power source.
This limits
the backplane’s voltage drop and the
dV/dt to the load. The MP5098 offers an
integrated solution that can monitor the input
voltage (VIN), output voltage (VOUT), output
current
(IOUT),
and
die
temperature.
This
eliminates the need for an external current-
sense resistor, power MOSFET, and thermal-
sensing device.
Under-Voltage Lockout (UVLO) Protection
Channel 1 can be used in the 12V system, and
channel 2 can be used in the 5V system. High
energy transients can occur during normal
operation or hot swap. These transients are
determined by the
wire’s parasitic inductance
and resistance, as well as the VCC capacitor
(CVCC). If a power-clamped TVS diode is not
used, then the e-fuse should be able to
withstand the transient voltage. The MP5098
integrates a high-voltage MOSFET and a high-
voltage circuit at VCC to guarantee safe
operation.
If VIN drops below the under-voltage lockout
(UVLO) threshold, then the output is disabled.
Once VIN exceeds the UVLO threshold, the
output is enabled.
Soft Start (SS)
Connect a capacitor to the SS pin to set the
soft-start time (tSS). tSS is a function of the soft-
start capacitor (CSS). A constant-current source
charges CSS, and the SS voltage (VSS) ramps
up. VOUT ramps up at a similar slew rate to VSS.
tSS can be calculated with Equation (1):
( )
( )
SS
SS
DT
DV
I
nF
C
V
ms
t
=
1
/
(1)
Where tDV/DT is tSS between 0% and 100% of
VOUT, and ISS is the soft-start current.
Output Over-Voltage Protection (OVP)
The
MP5098
provides
output
over-voltage
protection (OVP) to protect the downstream
load from surge voltages at the input. An
accurate, fast comparator monitors VOUT. If VOUT
exceeds the OVP threshold, then the gate
voltage (VGATE) of the internal MOSFETs is
pulled down. VGATE is regulated at a certain
value to keep VOUT clamped at the OVP
threshold. Fast loop response speed (typically
2µs) reduces the over-voltage (OV) overshoot.
Over-Current Protection (OCP)
If an over-current (OC) fault occurs (e.g. the
load exceeds the current limit [ILIMIT_CHx] or a
short
occurs),
then
over-current
protection
(OCP) is triggered and the part enters constant-
current mode. If the OC condition remains after
150µs, then the part enters hiccup mode and
shuts down. After a 200ms off time (tOFF), the
part starts up again. The MP5098 repeats this
operation until the OC condition has been
removed.
Channel
1’s current limit (ILIMIT_CH1) is set at 4A
internally,
and
its
constant-current
limit
(ILIMIT_CC_CH1) is set at 2.5A. Channel 2’s current
limit (ILIMIT_CH2) is set at 3A internally, and its
constant-current limit (ILIMIT_CC_CH2) is set at 1.3A.
Current Monitoring
The MP5098 provides current monitoring for
both channel 1 and channel 2. The IMONx pin
generates a current proportional to channel 1
and channel 2’s load current (ILOAD_CHx).
Connect a resistor to IMONx to generate the
current monitor voltage (VIMONx). The effective
VIMONx range is between 0V and 2.5V to
guarantee that the sensing results are linear.
VIMONx can be calculated with Equation (2):
VIMONx(mV) = GIMONx x IOUT(A) x RIMONx(kΩ)
+ IOSSFET_CHx x RIMONx(kΩ)
(2)
Where GIMON_CHx is the current-sense gain,
RIMON_CHx is the current-sense resistor, and
IOFFSET_CHx is the current-sense offset.
Short Circuit Protection (SCP)
If the ILOAD_CHx increases rapidly due to a short
circuit, the current may exceed ILIMIT_CHx before
the control loop can respond. If the current
reaches the secondary ILIMIIT level (8A), then
short-circuit protection (SCP) is triggered and
the fast turn-off circuit turn offs the MOSFET
(see Figure 1 on page 15). This limits the peak
current through the MOSFET to maintain VIN.
The total short-circuit response time is less than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com