Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems MP5098 Datasheet HTML 10Page - Monolithic Power Systems MP5098 Datasheet HTML 11Page - Monolithic Power Systems MP5098 Datasheet HTML 12Page - Monolithic Power Systems MP5098 Datasheet HTML 13Page - Monolithic Power Systems MP5098 Datasheet HTML 14Page - Monolithic Power Systems MP5098 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
11
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN1 = 12V, VIN2 = 5V, TA = 25°C, unless otherwise noted.
Start-Up through VIN1
12V e-fuse, 3A load
Shutdown through VIN1
12V e-fuse, 3A load
CH1: VOUT1
CH2: VIN1
CH3: VIMON1
CH4: IOUT1
CH1: VOUT1
CH2: VIN1
CH3: VIMON1
CH4: IOUT1
Start-Up through VIN2
5V e-fuse, no load
Shutdown through VIN2
5V e-fuse, no load
CH1: VOUT2
CH2: VIN2
CH3: VIMON2
CH4: IOUT2
CH1: VOUT2
CH2: VIN2
CH3: VIMON2
CH4: IOUT2
Start-Up through VIN2
5V e-fuse, 2A load
Shutdown through VIN2
5V e-fuse, 2A load
CH1: VOUT2
CH2: VIN2
CH3: VIMON2
CH4: IOUT2
CH1: VOUT2
CH2: VIN2
CH3: VIMON2
CH4: IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com