Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 13Page - Monolithic Power Systems MP5098 Datasheet HTML 14Page - Monolithic Power Systems MP5098 Datasheet HTML 15Page - Monolithic Power Systems MP5098 Datasheet HTML 16Page - Monolithic Power Systems MP5098 Datasheet HTML 17Page - Monolithic Power Systems MP5098 Datasheet HTML 18Page - Monolithic Power Systems MP5098 Datasheet HTML 19Page - Monolithic Power Systems MP5098 Datasheet HTML 20Page - Monolithic Power Systems MP5098 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
17
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
1µs. Once the e-fuse turns off, the part starts up
after a delay (200ms). If the short still remains,
then VGATE is regulated to maintain the current
at its ILIMIIT level, and the part enters hiccup
mode after a 200ms off time (tOFF). The MP5098
repeats this operation until the short circuit has
been removed.
Enable
EN is a digital control pin that enables and
disabled the current-limit MOSFET. Pull EN low
or float EN to turn the current-limit MOSFET on;
pull EN high to turn it off. An internal 770kΩ
resistor connected between EN and GND
allows EN to float to start up the device.
Thermal Shutdown
Thermal shutdown monitors the silicon die
temperature to prevent the chip from operating
at
exceedingly
high
temperatures.
If
the
temperature exceeds 155°C, then the part
shuts down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com