Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems MP5098 Datasheet HTML 10Page - Monolithic Power Systems MP5098 Datasheet HTML 11Page - Monolithic Power Systems MP5098 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
8
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN1 = 12V, VIN2 = 5V, TA = 25°C, unless otherwise noted.
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
-40 -25 -10 5 20 35 50 65 80 95 110125
TEMPERATURE ( C)
V
IN UVLO Threshold vs.
Temperature
12V e-fuse
UVLO Rising
UVLO Falling
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
-40 -25 -10
5
20 35 50 65 80 95 110 125
TEMPERATURE ( C)
V
IN UVLO Threshold vs.
Temperature
5V e-fuse
UVLO Rising
UVLO Falling
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40 -25 -10
5
20 35 50 65 80 95 110 125
TEMPERATURE ( C)
EN UVLO Threshold vs.
Temperature
12V e-fuse
UVLO Rising
UVLO Falling
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40 -25 -10
5
20 35 50 65 80 95 110 125
TEMPERATURE ( C)
EN UVLO Threshold vs. Temperature
5V e-fuse
UVLO Rising
UVLO Falling
0
1
2
3
4
5
6
7
8
10 10.5 11 11.5 12 12.5 13 13.5 14 14.5
INPUT VOLTAGE (V)
Current Limit vs. Input Voltage
12V e-fuse
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
INPUT VOLTAGE (V)
Current Limit vs. Input Voltage
5V e-fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com