Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 2Page - Monolithic Power Systems MP5098 Datasheet HTML 3Page - Monolithic Power Systems MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems MP5098 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
6
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN1 = 12V, VIN2 = 5V, COUT1 = COUT2 = 10µF, TJ = -40°C to +125°C (6), typical values are tested at
TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Hiccup mode on time
tON_HICCUP
2
ms
Hiccup mode off time
tOFF_HICCUP
200
ms
Current Monitoring (IMON1/IMON2)
Current-sense gain
GIMON1
32
µA/A
GIMON2
34
µA/A
Current-sense offset
IOFFSET_CH1
0.45
2
3.5
µA
IOFFSET_CH2
0.8
2.3
3.8
µA
Current monitor voltage
range (7)
VIMON
0
2.5
V
Enable (EN) Control
EN falling threshold
VEN_FALLING
0.95
1.15
1.35
V
EN hysteresis
VEN_HYS
800
mV
EN pull down
resistance
REN_PD
0.77
M
Ω
Soft Start (SS)
Soft-start current
ISS_CH1
4
5.5
7
μA
ISS_CH2
4
5.5
7
μA
Thermal Shutdown
Thermal shutdown (7)
TSD
155
°C
Notes:
6) Guaranteed by over-temperature correlation. Not tested in production.
7) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com