Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 3Page - Monolithic Power Systems MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems MP5098 Datasheet HTML 10Page - Monolithic Power Systems MP5098 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
7
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN1 = 12V, VIN2 = 5V, TA = 25°C, unless otherwise noted.
160
170
180
190
200
210
220
230
240
250
10 10.5 11 11.5 12 12.5 13 13.5 14 14.5
INPUT VOLTAGE (V)
Quiescent Current vs. Input
Voltage
12V e-fuse
140
160
180
200
220
240
4.5 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 5.5
INPUT VOLTAGE (V)
Quiescent Current vs. Input
Voltage
5V e-fuse
0
2
4
6
8
10
12
14
16
18
20
22
24
10 10.5 11 11.5 12 12.5 13 13.5 14 14.5
INPUT VOLTAGE (V)
Shutdown Current vs.
Input Voltage
12V e-fuse
0
2
4
6
8
10
12
14
16
18
20
4.5 4.6 4.7 4.8 4.9 5
5.1 5.2 5.3 5.4 5.5
INPUT VOLTAGE (V)
Shutdown Current vs. Input
Voltage
5V e-fuse
0
20
40
60
80
100
120
140
160
180
0
100 200 300 400 500 600 700 800 900 1000
SOFT-START CAPACITANCE (nF)
Soft-Start Time vs. Soft-Start
Capacitance
12V e-fuse
0
20
40
60
80
100
120
140
160
180
0
100 200 300 400 500 600 700 800 900 1000
SOFT-START CAPACITANCE (nF)
Soft-Start Time vs. Soft-Start
Capacitance
5V e-fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com