Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5098 Datasheet HTML 1Page - Monolithic Power Systems MP5098 Datasheet HTML 2Page - Monolithic Power Systems MP5098 Datasheet HTML 3Page - Monolithic Power Systems MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP5098
12V/5V, Low IQ, Dual-Channel E-Fuse with
Current Monitoring and Low On Resistance
MP5098 Rev. 1.0
MonolithicPower.com
1
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP5098 is a 12V/5V, low quiescent current
(IQ), low on resistance (RDS(ON)), dual-channel e-
fuse protection device with current monitoring. It
protects output circuitry from input transients,
as well as protects input circuitry from output
shorts and transients.
At start-up, the inrush current is limited by
limiting the output slew rate. The slew rate is
controlled via the SS pin capacitor (CSS).
The maximum load current (ILOAD_MAX) at the
output is current-limited. The magnitude of the
current limit (ILIMIIT) is fixed internally.
Full protection features include output over-
voltage
protection
(OVP),
over-current
protection (OCP), short-circuit protection (SCP),
and thermal shutdown.
The output voltage (VOUT) is limited by output
OVP.
Each rail’s output current (IOUT) can be
monitored via a resistor connected between the
IMON1 and IMON2 pins.
The MP5098 is available in a space-saving
TQFN-10 (2mmx3mm) package.
FEATURES
• 12V/5V Integrated Dual E-Fuse
• Dual-Channel Current Limiting
• 24V/100ms Maximum Surge Input Voltage
(VIN) Tolerance for 12V Bus and 5V Bus
• 40mΩ Low On Resistance (R
DS(ON))
• Low Quiescent Current (I
Q):
o
210µA IQ for 12V Bus
o
190µA IQ for 15V Bus
• Configurable Soft-Start Time (t
SS)
• Fixed Trip/Hold Current Limit (I
LIMIIT):
o
Fixed 4A Trip ILIMIIT for 12V Bus
o
Fixed 2.5A Hold ILIMIIT for 12V Bus
o
Fixed 3A Trip ILIMIIT for 5V Bus
o
Fixed 1.3A Hold ILIMIIT for 5V Bus
• 15V Over-Voltage Protection (OVP)
Threshold for 12V VIN Channel
• 5.7V OVP Threshold for 5V V
IN Channel
• Over-Current Protection (OCP) with Hiccup
Mode
• Short-Circuit Protection (SCP)
• Thermal Shutdown (Latch-Off Protection)
• Available in a TQFN-10 (2mmx3mm)
Package
APPLICATIONS
• Hard-Disk Drives (HDDs)
• Solid-State Drives (SSDs)
• Hot Swap Applications
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP5098

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GC MPS-MP5090GC Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GQHT MPS-MP5090GQHT Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MP5092GD MPS-MP5092GD Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
More results

Similar Description - MP5098

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
Ultra Low On-Resistance Dual N-Channel MOSFET
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
Low on-resistance and maximum DC current capability
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Omron Electronics LLC
G3VM-61UR OMRON-G3VM-61UR Datasheet
1Mb / 4P
VSON Package with Low Output Capacitance and Low ON Resistance
G3VM-21UR OMRON-G3VM-21UR Datasheet
192Kb / 5P
VSON Package With Low Output Capacitance and Low On Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com