Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5098 Datasheet HTML 14Page - Monolithic Power Systems MP5098 Datasheet HTML 15Page - Monolithic Power Systems MP5098 Datasheet HTML 16Page - Monolithic Power Systems MP5098 Datasheet HTML 17Page - Monolithic Power Systems MP5098 Datasheet HTML 18Page - Monolithic Power Systems MP5098 Datasheet HTML 19Page - Monolithic Power Systems MP5098 Datasheet HTML 20Page - Monolithic Power Systems MP5098 Datasheet HTML 21Page - Monolithic Power Systems MP5098 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
18
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Soft-Start Time (tSS)
The soft-start time (tSS) is a function of the soft-
start capacitor (CSS). tSS can be calculated with
Equation (3):
( )
( )
SS
SS
DT
DV
I
nF
C
V
ms
t
=
1
/
(3)
Where tDV/DT is tSS between 0% and 100% of VOUT.
Design Example
Table 1 shows a design example following the
application guidelines for the specifications.
Table 1: Design Example
VIN1
12V
VOUT1
12V
VIN2
5V
VOUT2
5V
Figure 3 on page 19 shows the detailed
application schematic. The typical performance
and
waveforms
are
shown
in
the
Typical
Characteristics section on page 7 and the Typical
Performance Characteristics section on page 10.
For more device applications, refer to the related
evaluation board datasheet.
PCB Layout Guidelines
Efficient PCB layout is critical for stable operation.
For best results, refer to Figure 2 and follow the
guidelines below:
1. Place the high-current paths (VIN and VOUT)
close to the device using short, direct, and
wide traces.
2. Place the input capacitors as close to the VIN
and GND pins as possible.
3. To improve thermal performance, connect the
VIN pad to the large VIN plane, and the
VOUT pad to the large VOUT plane.
4. Place CSS as close to SS pin as possible.
GND
GND
VIN1
VOUT1
VIN2
VOUT2
Figure 2: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com