Electronic Components Datasheet Search
  English  ▼

X  

MP5098 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5098 Datasheet HTML 1Page - Monolithic Power Systems MP5098 Datasheet HTML 2Page - Monolithic Power Systems MP5098 Datasheet HTML 3Page - Monolithic Power Systems MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
5
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN1 = 12V, VIN2 = 5V, COUT1 = COUT2 = 10µF, TJ = -40°C to +125°C (6), typical values are tested at
TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ_CH1
V EN is low
210
μA
IQ_CH2
V EN is low
190
μA
Shutdown current
ISD_CH1
V EN is high
15
μA
ISD_CH2
V EN is high
10
μA
Power MOSFET
On resistance
RDS(ON)_CH1
TJ = 25°C
40
50
mΩ
TJ = 125°C
65
mΩ
RDS(ON)_CH2
TJ = 25°C
40
50
mΩ
TJ = 125°C
65
mΩ
Start-up delay
tEN_DELAY_CH1
From V EN is low to IOUT1 rises up to
100mA, with 1A load resistor, SS1 is
floating
220
μs
tEN_DELAY_CH2
From V EN is low to IOUT2 rises up to
100mA, with 1A load resistor, SS2 is
floating
220
μs
Under-Voltage Lockout (UVLO) Protection and Over-Voltage Protection (OVP)
UVLO rising threshold
VUVLO_RISING
_CH1
9.6
10
10.4
V
VUVLO_ RISING
_CH2
4.25
4.35
4.45
V
UVLO falling threshold
VUVLO_FALLING_
CH1
9.1
V
VUVLO_ FALLING
_CH2
2.65
V
Output OVP threshold
VOVP_CH1
13.8
15
16
V
VOVP_CH2
5.5
5.7
5.9
V
Output OVP response
time (7)
tOVP_CH1
COUT1 = 10µF with 30
Ω load resistor,
VIN1 = 12V to 18V/10µs
2
μs
tOVP_CH2
COUT2 = 10µF with
10Ω load resistor,
VIN2 = 5V to 7V/10µs
2
μs
Current Limit (ILIMIIT)
ILIMIIT during normal
operation
ILIMIT _CH1
-10%
4
+10%
A
ILIMIT_CH2
-10%
3
+10%
A
Constant-current limit
during normal operation
ILIMIT_CC_CH1 (7)
2.5
A
ILIMIT_CC_CH2 (7)
1.3
A
ILIMIIT response time (7)
tCL_CH1
15
μs
tCL_CH2
15
μs
Secondary
ILIMIIT (7)
ILIMIT_SEC_CC_
CH1
8
A
ILIMIT_SEC_CC_
CH2
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com