Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems MP1660 Datasheet HTML 15Page - Monolithic Power Systems MP1660 Datasheet HTML 16Page - Monolithic Power Systems MP1660 Datasheet HTML 17Page - Monolithic Power Systems MP1660 Datasheet HTML 18Page - Monolithic Power Systems MP1660 Datasheet HTML 19Page - Monolithic Power Systems MP1660 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
16
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
10
Ω
39k
Ω
2.2µH
100k
Ω
MP1660
10pF
22µF
22µF
22µF
1µF
0.1µF
20k
Ω
40.2k
Ω
1.8V/3A
Figure 9: 12VIN, 1.8V/3A Output
10
Ω
28k
Ω
2.2µH
100k
Ω
MP1660
10pF
22µF
22µF
22µF
1µF
0.1µF
26.7k
Ω
40.2k
Ω
1.5V/3A
Figure 10: 12VIN, 1.5V/3A Output
10
Ω
62k
Ω
1.5µH
100k
Ω
MP1660
10pF
22µF
22µF
22µF
1µF
0.1µF
40.2k
Ω
40.2k
Ω
1.2V/3A
Figure 11: 12VIN, 1.2V/3A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com