Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1660 Datasheet HTML 1Page - Monolithic Power Systems MP1660 Datasheet HTML 2Page - Monolithic Power Systems MP1660 Datasheet HTML 3Page - Monolithic Power Systems MP1660 Datasheet HTML 4Page - Monolithic Power Systems MP1660 Datasheet HTML 5Page - Monolithic Power Systems MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
5
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.7µH, TA = 25°C, unless otherwise noted.
Efficiency vs. Load Current
VOUT = 5V, L = 4.7
μH, DCR = 16.5mΩ
Efficiency vs. Load Current
VOUT = 3.3V, L = 4.7
μH, DCR = 16.5mΩ
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=8V
VIN=12V
VNI=16V
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V
Efficiency vs. Load Current
VOUT = 2.5V, L = 3.3
μH, DCR = 11.7mΩ
Efficiency vs. Load Current
VOUT = 1.8V, L = 2.2
μH, DCR = 8.3mΩ
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V
65
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V
Efficiency vs. Load Current
VOUT = 1.5V, L = 2.2
μH, DCR = 8.3mΩ
Efficiency vs. Load Current
VOUT = 1.2V, L = 1.5
μH, DCR = 6mΩ
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V
55
60
65
70
75
80
85
90
95
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com