Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems MP1660 Datasheet HTML 10Page - Monolithic Power Systems MP1660 Datasheet HTML 11Page - Monolithic Power Systems MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
10
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP1660 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and ease loop
stabilization. At the beginning of each cycle, the
high-side MOSFET (HS-FET) turns on when
the FB voltage (VFB) drops below the reference
voltage (VREF). The HS-FET turns on for a fixed
interval, determined by the one-shot on timer.
The on timer is determined by both the output
voltage and input voltage to keeps the switching
frequency fairly constant across the input
voltage range.
After the on period elapses, the HS-FET turns
off until the next period. By repeating this
operation, the converter regulates the output
voltage.
The device operates in continuous conduction
mode (CCM) when the output current is high
and the inductor current is always above 0A.
The low-side MOSFET (LS-FET) turns on when
the HS-FET is off to minimize conduction loss.
A dead short occurs between the input and
GND if both the HS-FET and LS-FET turn on at
the same time. This is called a shoot-through.
To
avoid
shoot-through,
a
dead
time
is
generated internally between the HS-FET off
and LS-FET on period, and vice versa.
If
the
MP1660
works
in
pulse-frequency
modulation
(PFM)
mode
during
light-load
operation, the device reduces the switching
frequency
automatically
to
maintain
high
efficiency, and the inductor current drops
almost to zero. If the inductor current reaches
zero, the low-side driver goes into tri-state (Hi-
Z). The output capacitors discharge slowly to
GND through R1 and R2. When VFB drops
below VREF, the HS-FET turns on. This greatly
improves device efficiency when the output
current is low.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
under
heavy-load
conditions. The frequency at which the HS-FET
turns on is a function of the output current. As
the
output
current
increases,
the
current
modulator regulates over a shorter period, the
HS-FET turns on more frequently, and the
switching frequency increases in turn. The
output current (IOUT) reaches its critical level
when the current modulator time is zero. IOUT
can be calculated with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L f
V

 
(1)
The device reverts to pulse-width modulation
(PWM) mode once the output current exceeds
the
critical
level.
Afterward,
the
switching
frequency remains fairly constant across the
output current range.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive EN low to turn off the
regulator. An internal 1M
Ω resistor from EN to
GND allows EN to float, which shuts down the
IC.
EN is clamped internally using a 2.8V series
Zener diode (see Figure 2). Connecting the EN
input to VIN through a pull-up resistor limits the
EN input current below
100μA to prevent
damage to the Zener diode. For example, when
connecting a 100k
Ω pull-up resistor to 12V VIN,
IZENER = (12V - 2.8V) / (100kΩ + 35kΩ) = 68µA.
EN
Logic
1M
Ω
EN
GND
35k
Ω
2.8V
Figure 2: Zener Diode between EN and GND
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP1660 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4.1V, while
its falling threshold is 3.7V.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage (VSS) that ramps
up from 0V to 1.2V. When VSS is below VREF,
VSS overrides VREF, so the error amplifier uses
VSS as the reference. When VSS exceeds VREF,
the error amplifier uses VREF as the reference.
The SS time is set to 1ms internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com