Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1660 Datasheet HTML 1Page - Monolithic Power Systems MP1660 Datasheet HTML 2Page - Monolithic Power Systems MP1660 Datasheet HTML 3Page - Monolithic Power Systems MP1660 Datasheet HTML 4Page - Monolithic Power Systems MP1660 Datasheet HTML 5Page - Monolithic Power Systems MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP1660
16V, 3A, 600kHz, High-Efficiency,
Synchronous, Step-Down Converter
with 0.6V VREF in a SOT563 Package
MP86953 Rev. 1.0
www.MonolithicPower.com
1
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The
MP1660
is
a
fully
integrated,
high-
frequency, synchronous, rectified, step-down,
switch-mode
converter
with
internal
power
MOSFETs. The MP1660 offers a very compact
solution that achieves 3A of output current, with
excellent load and line regulation over a wide
input range. The MP1660 uses synchronous
mode operation for higher efficiency over the
output current load range.
Constant-on-time
(COT)
control
operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP1660 requires a minimal number of
readily
available,
standard
external
components, and is available in a space-saving
SOT563 package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 110mΩ/60mΩ Low R
DS(ON) Internal Power
MOSFETs
 190μA Low I
Q
 High-Efficiency Synchronous Mode
Operation
 Power-Save Mode at Light-Load
 Fast Load Transient Response
 600kHz Switching Frequency
 Internal Soft Start (SS)
 Over-Current Protection (OCP) and Hiccup
Mode
 Thermal Shutdown
 Output Adjustable from 0.6V
 Available in a SOT563 Package
Optimized Performance with
MPS Inductor MPL-AL6050 Series
APPLICATIONS
 Security Cameras
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”, the MPS logo, and “Simply, Easy Solutions” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1660
VIN
EN
VIN
FB
BST
VOUT
SW
GND
12V
C1
22
μF
C3
1
μF L1
4.7
μH
C2
22
μFx2
R1
40.2k
Ω
R2
8.87k
Ω
EN
3.3V/3A
R3
18k
Ω
R4
10
Ω
Efficiency vs. Load Current
VOUT = 3.3V, L = 4.7µH, DCR = 16.5m
Ω
70
75
80
85
90
95
100
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V


Similar Part No. - MP1660

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1660GTF MPS-MP1660GTF Datasheet
618Kb / 9P
600kHz, 3A, 16V, High-Efficiency Step-Down Converter Evaluation Board
11/9/2020 Rev. 1.0
More results

Similar Description - MP1660

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com